Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 153 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 153 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 149Page - Microchip Technology MCP19124 Datasheet HTML 150Page - Microchip Technology MCP19124 Datasheet HTML 151Page - Microchip Technology MCP19124 Datasheet HTML 152Page - Microchip Technology MCP19124 Datasheet HTML 153Page - Microchip Technology MCP19124 Datasheet HTML 154Page - Microchip Technology MCP19124 Datasheet HTML 155Page - Microchip Technology MCP19124 Datasheet HTML 156Page - Microchip Technology MCP19124 Datasheet HTML 157Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 153
MCP19124/5
27.0 ENHANCED PWM MODULE
The PWM module implemented on the MCP19124/5 is
a scaled-down version of the Capture/Compare/PWM
(CCP)
module
found
in
standard
mid-range
microcontrollers. The module only features the PWM
module, which is slightly modified from standard
mid-range microcontrollers. In the MCP19124/5, the
PWM module is used to generate the system clock or
system oscillator. This system clock can control the
MCP19124/5 switching frequency, as well as set the
maximum allowable duty cycle. The PWM module
does not continuously adjust the duty cycle to control
the output voltage. This is accomplished by the analog
control loop and associated circuitry.
27.1
Standard Pulse-Width Modulation
Mode
The CCP will only function in PWM mode. The PWM
signal is used to set the operating frequency and
maximum allowable duty cycle of the MCP19124/5.
Figure 27-2 is a snippet of the MCP19124/5 block
diagram showing the PWM signal from the CCP
module.
FIGURE 27-1:
MCP19124/5 SNIPPET
SHOWING SYSTEM
CLOCK FROM PWM
MODULE
There are two modes of operation that concern the
system clock PWM signal. These modes are
Stand-Alone (nonfrequency synchronization) and
Frequency Synchronization.
27.1.1
STAND-ALONE (NON-FREQUENCY
SYNCHRONIZATION) MODE
When the MCP19124/5 is running stand-alone, the
PWM signal functions as the system clock. It is
operating at the programmed switching frequency with
a programmed maximum duty cycle (DCLOCK). The
programmed maximum duty cycle is not adjusted on a
cycle-by-cycle basis to control the MCP19124/5
system output. The required duty cycle (DPDRVON) to
control the output is adjusted by the MCP19124/5
analog control loop and associated circuitry. DCLOCK
does however set the maximum allowable DPDRVON.
EQUATION 27-1:
27.1.2
SWITCHING FREQUENCY
SYNCHRONIZATION MODE
The MCP19124/5 can be programmed to be switching
frequency MASTER or SLAVE devices. The MASTER
device functions as described in Section 27.1.1
“Stand-Alone (Non-Frequency Synchronization)
Mode” with the exception of the system clock also
being applied to GPA1.
A SLAVE device will receive the MASTER system
clock on GPA1. This MASTER system clock will be
OR’d with the output of the TIMER2 module. This
OR’d signal will latch PWMRL into PWMRH and
PWMPHL into PWMPHH.
Figure 27-2 shows a simplified block diagram of the
CCP module in PWM mode.
The PWMPHL register allows for a phase shift to be
added to the SLAVE system clock.
It is desired to have the MCP19124/5 SLAVE device’s
system clock start point shifted by a programmed
amount from the MASTER system clock. This SLAVE
phase shift is specified by writing to the PWMPHL
register. The SLAVE phase shift can be calculated by
using Equation 27-1.
EQUATION 27-1:
PWM
S
R
Q
OV
OVE
Q
116
PWM signal from CCP
D
BUCK
1D
CLOCK
–
SLAVE
PHASE SHIFT
PWMPHL
T
OSC
T2
PRESCALE VALUE

=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com