Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 155 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 155 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 151Page - Microchip Technology MCP19124 Datasheet HTML 152Page - Microchip Technology MCP19124 Datasheet HTML 153Page - Microchip Technology MCP19124 Datasheet HTML 154Page - Microchip Technology MCP19124 Datasheet HTML 155Page - Microchip Technology MCP19124 Datasheet HTML 156Page - Microchip Technology MCP19124 Datasheet HTML 157Page - Microchip Technology MCP19124 Datasheet HTML 158Page - Microchip Technology MCP19124 Datasheet HTML 159Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 155
MCP19124/5
27.1.4
PWM DUTY CYCLE (DCLOCK)
The PWM duty cycle (DCLOCK) is specified by writing
to the PWMRL register. Up to 8-bit resolution is
available. The following equation is used to calculate
the PWM duty cycle (DCLOCK).
EQUATION 27-3:
The PWMRL bits can be written to at any time, but the
duty cycle value is not latched into PWMRH until after
a match between PR2 and TMR2 occurs.
27.2
Operation During Sleep
When the device is placed in Sleep, the allocated
timer will not increment and the state of the module will
not change. If the CLKPIN pin is driving a value, it will
continue to drive that value. When the device wakes
up, it will continue from this state.
PWM
DUTY CYCLE
PWMRL
T
OSC
T2
PRESCALE VALUE

=
TABLE 27-1:
SUMMARY OF REGISTERS ASSOCIATED WITH PWM MODULE
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
MODECON
MSC1
MSC0
RFB
—MSC2
—
—
—
52
T2CON
—
—
—
—
—
TMR2ON T2CKPS1 T2CKPS0
144
PR2
Timer2 Module Period Register
153*
PWMRL
PWM Register Low Byte
153*
PWMPHL
Phase Shift Low Byte
153*
Legend:
— = Unimplemented locations, read as ‘0’. Shaded cells are not used by PWM mode.
* Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com