Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 149 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 149 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 145Page - Microchip Technology MCP19124 Datasheet HTML 146Page - Microchip Technology MCP19124 Datasheet HTML 147Page - Microchip Technology MCP19124 Datasheet HTML 148Page - Microchip Technology MCP19124 Datasheet HTML 149Page - Microchip Technology MCP19124 Datasheet HTML 150Page - Microchip Technology MCP19124 Datasheet HTML 151Page - Microchip Technology MCP19124 Datasheet HTML 152Page - Microchip Technology MCP19124 Datasheet HTML 153Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 149
MCP19124/5
25.0 INTERNAL TEMPERATURE
INDICATOR MODULE
The MCP19124/5 devices are equipped with a
temperature sensor designed to measure operating
temperature of the silicon die. The silicon die
temperature range of operation is from -40°C and
+125°C. The temperature sensing circuitry typically
ranges from -20°C to +125°C. The temperature
sensing circuit output is a voltage that is proportional to
the silicon die temperature. The output is internally
connected to the device Analog to Digital Converter.
25.1
Circuit Operation
This internal temperature measurement circuit is
always enabled.
FIGURE 25-1:
TEMPERATURE CIRCUIT
DIAGRAM
25.2
Temperature Output
The output of the circuit is measured using the internal
analog-to-digital converter. Channel 13 is reserved for
the temperature circuit output. Refer to Section 19.0
“Analog-to-Digital Converter (ADC) Module” for
detailed information.
The temperature of the silicon die can be calculated by
the ADC measurement by using Equation 25-1. A
factory-stored 10-bit ADC value for 30°C is located at
address 2084h. The temperature coefficient for this
circuit is is typically 14.0mV/°C +/-0.8mV/°C from -20°C
to +125°C. Other temperature readings can be
calculated from this 30°C mark as shown in Equation
25-1. Equation 25-1 is based on the ADC Reference
connected to the AVDD.
EQUATION 25-1:
SILICON DIE TEMPERATURE
ADC
MUX
VDD
ADC
CHS bits
(ADCON0 register)
n
VOUT
TEMP_DIE(
C 
ADC_READING (counts)
ADC_30
C_READING (counts
–

3.5(counts/
·
C 
-----------------------------------------------------------------------------------------------------------------------------------------------------30
C
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com