Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 147 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 147 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 143Page - Microchip Technology MCP19124 Datasheet HTML 144Page - Microchip Technology MCP19124 Datasheet HTML 145Page - Microchip Technology MCP19124 Datasheet HTML 146Page - Microchip Technology MCP19124 Datasheet HTML 147Page - Microchip Technology MCP19124 Datasheet HTML 148Page - Microchip Technology MCP19124 Datasheet HTML 149Page - Microchip Technology MCP19124 Datasheet HTML 150Page - Microchip Technology MCP19124 Datasheet HTML 151Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 147
MCP19124/5
24.3
Dual Capture/Compare Register
The Dual Capture/Compare Module is a new module
based on the standard CCP. It has no PWM function.
REGISTER 24-1:
CCDCON: DUAL CAPTURE/COMPARE CONTROL MODULE
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
CC2M3
CC2M2
CC2M1
CC2M0
CC1M3
CC1M2
CC1M1
CC1M0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7-4
CC2M<3:0>: CC Register Set 2 Mode Select bits
00xx
= Capture/Compare off (resets the module)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CC2IF bit is set)
1001
= Compare mode, clear output on match (CC2IF bit is set)
1010
= Compare mode, toggle output on match (CC2IF bit is set)
1011
= Reserved
11xx
= Compare mode, generate software interrupt on match (CC2IF bit is set, CMP2 pin is
unaffected and configured as an I/O)
1111
= Compare mode, trigger special event (CC2IF bit is set; CC2 does not reset TMR1 (1) and
starts an A/D conversion, if the A/D module is enabled. CMP2 pin is unaffected and
configured as an I/O port).
bit 3-0
CC1M<3:0>: CC Register Set 1 Mode Select bits
00xx
= Capture/Compare off (resets the module)
0100
= Capture mode, every falling edge
0101
= Capture mode, every rising edge
0110
= Capture mode, every 4th rising edge
0111
= Capture mode, every 16th rising edge
1000
= Compare mode, set output on match (CC1IF bit is set)
1001
= Compare mode, clear output on match (CC1IF bit is set)
1010
= Compare mode, toggle output on match (CC1IF bit is set)
1011
= Reserved
11xx
= Compare mode, generate software interrupt on match (CC1IF bit is set, CMP1 pin is
unaffected and configured as an I/O)
1111
= Compare mode, trigger special event (CC1IF bit is set; CC1 resets TMR1 and starts an A/D
conversion, if the A/D module is enabled. CMP1 pin is unaffected and configured as an I/O
port).
Note 1: When the Compare interrupt is set, a PIC will typically reset TMR1. This module does NOT reset TMR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com