Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 144 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 144 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 140Page - Microchip Technology MCP19124 Datasheet HTML 141Page - Microchip Technology MCP19124 Datasheet HTML 142Page - Microchip Technology MCP19124 Datasheet HTML 143Page - Microchip Technology MCP19124 Datasheet HTML 144Page - Microchip Technology MCP19124 Datasheet HTML 145Page - Microchip Technology MCP19124 Datasheet HTML 146Page - Microchip Technology MCP19124 Datasheet HTML 147Page - Microchip Technology MCP19124 Datasheet HTML 148Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 236 page
background image
MCP19124/5
DS20005619A-page 144
 2016 Microchip Technology Inc.
23.2
Timer2 Control Register
REGISTER 23-1:
T2CON: TIMER2 CONTROL REGISTER
U-0
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
—
—
—
—
—
TMR2ON
T2CKPS1
T2CKPS0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
u = Bit is unchanged
x = Bit is unknown
-n = Value at POR
‘1’
= Bit is set
‘0’
= Bit is cleared
bit 7-3
Unimplemented: Read as ‘0’
bit 2
TMR2ON: Timer2 On bit
1
= Timer2 is on
0
= Timer2 is off
bit 1-0
T2CKPS<1:0>: Timer2 Clock Prescale Select bits
00
= Prescaler is 1
01
= Prescaler is 4
10
= Prescaler is 8
11
= Prescaler is 16
TABLE 23-1:
SUMMARY OF REGISTERS ASSOCIATED WITH TIMER2
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Register
on Page
INTCON
GIE
PEIE
T0IE
INTE
IOCE
T0IF
INTF
IOCF
93
PIE1
TXIE
RCIE
BCLIE
SSPIE
CC2IE
CC1IE
TMR2IE
TMR1IE
94
PIR1
TXIF
RCIF
BCLIF
SSPIF
CC2IF
CC1IF
TMR2IF
TMR1IF
96
PR2
Timer2 Module Period Register
143*
T2CON
—
—
—
—
—
TMR2ON T2CKPS1 T2CKPS0
144
TMR2
Holding Register for the 8-bit TMR2 Time Base
143*
Legend: — = unimplemented, read as ‘0’. Shaded cells are not used for Timer2 module.
* Page provides register information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com