Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 167 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 167 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 163Page - Microchip Technology MCP19124 Datasheet HTML 164Page - Microchip Technology MCP19124 Datasheet HTML 165Page - Microchip Technology MCP19124 Datasheet HTML 166Page - Microchip Technology MCP19124 Datasheet HTML 167Page - Microchip Technology MCP19124 Datasheet HTML 168Page - Microchip Technology MCP19124 Datasheet HTML 169Page - Microchip Technology MCP19124 Datasheet HTML 170Page - Microchip Technology MCP19124 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 236 page
background image
FIGURE 28-9:
I2C SLAVE, 7-BIT ADDRESS, RECEPTION (SEN = 1, AHEN = 1, DHEN = 1)
Receiving Address
Receive Data
Receive Data
A7 A6 A5 A4 A3 A2 A1
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5 D4 D3 D2 D1 D0
SDA
SCL
SSPIF
BF
ACKDT
CKP
S
P
S
12 3 4 56 7 8
9
12 3 45 6 7 8
9
12 34 56 7 8
9
Cleared by software
Slave software clears
ACKDT to ACK
the received byte
P
Master sends
Stop condition
ACKTIM
R/W = 0
ACK
Master releases
SDA to slave for ACK sequence
ACK
Received
address is loaded into
SSPBUF
Received data is
available
on SSPBUF
SSPBUF can be
read any time before
next byte is loaded
No interrupt after
if not ACK
from Slave
Slave sends
not ACK
When AHEN = 1:
on the 8th falling edge
of SCL of an address
byte, CKP is cleared
When DHEN = 1:
on the 8th falling edge
of SCL of a received
data byte, CKP is
cleared
Set by software,
release SCL
CKP is not cleared
if not ACK
ACKTIM is set by hardware
on 8th falling edge of SCL
ACKTIM is cleared by hardware
on 9th rising edge of SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com