Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 166 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 166 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 162Page - Microchip Technology MCP19124 Datasheet HTML 163Page - Microchip Technology MCP19124 Datasheet HTML 164Page - Microchip Technology MCP19124 Datasheet HTML 165Page - Microchip Technology MCP19124 Datasheet HTML 166Page - Microchip Technology MCP19124 Datasheet HTML 167Page - Microchip Technology MCP19124 Datasheet HTML 168Page - Microchip Technology MCP19124 Datasheet HTML 169Page - Microchip Technology MCP19124 Datasheet HTML 170Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 236 page
background image
FIGURE 28-8:
I2C SLAVE, 7-BIT ADDRESS, RECEPTION (SEN = 0, AHEN = 1, DHEN = 1)
Receiving Address
Receiving Data
Received Data
P
A7 A6 A5 A4 A3 A2 A1
D7 D6 D5 D4 D3 D2 D1 D0
SDA
SCL
BF
CKP
S
P
12 3 4 5 6 7 8
9 12 3 45 6 7 8
9 12 3 4 5 6 7 8
S
Data is read from SSPBUF
Cleared by software
9
ACK = 1
ACK
ACKDT
ACKTIM
SSPIF
ACK
If AHEN = 1,
SSPIF is set
SSPIF is set on
9th falling edge of
SCL, after ACK
Address is read
from SSBUF
Slave software
clears ACKDT to
ACK the received byte
When AHEN = 1:
CKP is cleared by hardware
and SCL is stretched
ACKTIM set by hardware
on 8th falling edge of SCL
No interrupt
after not ACK
from Slave
Slave software
sets ACKDT to
not ACK
When DHEN = 1:
CKP is cleared by
hardware on 8th falling
edge of SCL
CKP set by software,
SCL is released
ACKTIM cleared by
hardware on 9th
rising edge of SCL
ACKTIM set by hardware
on 8th falling edge of SCL
Master Releases SDAx
to slave for ACK sequence
Master sends
Stop condition
D7 D6 D5 D4 D3 D2 D1 D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com