Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 162 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 162 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 158Page - Microchip Technology MCP19124 Datasheet HTML 159Page - Microchip Technology MCP19124 Datasheet HTML 160Page - Microchip Technology MCP19124 Datasheet HTML 161Page - Microchip Technology MCP19124 Datasheet HTML 162Page - Microchip Technology MCP19124 Datasheet HTML 163Page - Microchip Technology MCP19124 Datasheet HTML 164Page - Microchip Technology MCP19124 Datasheet HTML 165Page - Microchip Technology MCP19124 Datasheet HTML 166Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 236 page
background image
MCP19124/5
DS20005619A-page 162
 2016 Microchip Technology Inc.
28.3.9
ACKNOWLEDGE SEQUENCE
The ninth SCL pulse for any transferred byte in I2C is
dedicated as an Acknowledge. It allows receiving
devices to respond back to the transmitter by pulling
the SDA line low. The transmitter must release control
of the line during this time to shift in the response. The
Acknowledge (ACK) is an active-low signal, pulling the
SDA line low, indicating to the transmitter that the
device has received the transmitted data and is ready
to receive more.
The result of an ACK is placed in the ACKSTAT bit in
the SSPCON2 register.
Slave software, when the AHEN and DHEN bits are
set, allows the user to set the ACK value sent back to
the transmitter. The ACKDT bit in the SSPCON2
register is set/cleared to determine the response.
Slave hardware will generate an ACK response if the
AHEN and DHEN bits in the SSPCON3 register are
clear.
There are certain conditions where an ACK will not be
sent by the slave. If the BF bit in the SSPSTAT register
or the SSPOV bit in the SSPCON1 register are set
when a byte is received, the ACK will not be sent.
When the module is addressed, after the 8th falling
edge of SCL on the bus, the ACKTIM bit in the
SSPCON3 register is set. The ACKTIM bit indicates
the acknowledge time of the active bus. The ACKTIM
status bit is only active when the AHEN or DHEN bits
are enabled.
28.4
I2C
SLAVE-MODE OPERATION
The MSSP Slave mode operates in one of the four
modes selected in the SSPM bits in SSPCON1
register. The modes can be divided into 7-bit and
10-bit Addressing mode. 10-bit Addressing mode
operates the same as 7-bit, with some additional
overhead for handling the larger addresses.
Modes with Start and Stop bit interrupts operate the
same as the other modes, with SSPIF additionally getting
set upon detection of a Start, Restart or Stop condition.
28.4.1
SLAVE MODE ADDRESSES
The SSPADD register contains the Slave mode
address. The first byte received after a Start or Restart
condition is compared against the value stored in this
register. If the byte matches, the value is loaded into
the SSPBUF register and an interrupt is generated. If
the value does not match, the module goes idle and no
indication is given to the software that anything
happened.
The SSPMSK1 register affects the address matching
process. Refer to Section 28.4.10 “SSPMSK1
Register” for more information.
28.4.2
SECOND SLAVE MODE ADDRESS
The SSPADD2 register contains a second 7-bit Slave
mode address. The first byte received after a Start or
Restart condition is compared against the value stored
in this register. If the byte matches, the value is loaded
into the SSPBUF register and an interrupt is
generated. If the value does not match, the module
goes idle and no indication is given to the software that
anything happened.
The SSPMSK2 register affects the address matching
process.
Refer to Section 28.4.10 “SSPMSK1
Register” for more information.
28.4.2.1
I2C Slave 7-Bit Addressing Mode
In 7-bit Addressing mode, the LSb of the received data
byte is ignored when determining if there is an address
match.
28.4.2.2
I2C Slave 10-Bit Addressing Mode
In 10-bit Addressing mode, the first received byte is
compared to the binary value of ‘1 1 1 1 0 A9 A8
0
’. A9 and A8 are the two MSb of the 10-bit address
and are stored in bits 2 and 1 in the SSPADD register.
After the high byte has been acknowledged, the UA bit
is set and SCL is held low until the user updates
SSPADD with the low address. The low address byte is
clocked in, and all 8 bits are compared to the low
address value in SSPADD. Even if there is no address
match, SSPIF and UA are set and SCL is held low until
SSPADD is updated to receive a high byte again. When
SSPADD is updated, the UA bit is cleared. This
ensures the module is ready to receive the high
address byte on the next communication.
A high and low address match as a write request is
required at the start of all 10-bit addressing
communication. A transmission can be initiated by
issuing a Restart once the slave is addressed, and
clocking in the high address with the R/W bit set. The
slave hardware will then acknowledge the read
request and prepare to clock out data. This is only
valid for a slave after it has received a complete high
and low address-byte match.
28.4.3
SLAVE RECEPTION
When the R/W bit of a matching received address byte
is clear, the R/W bit in the SSPSTAT register is cleared.
The received address is loaded into the SSPBUF
register and acknowledged.
When an overflow condition exists for a received
address, then Not Acknowledge is given. An overflow
condition is defined as either bit BF in the SSPSTAT
register is set, or bit SSPOV in the SSPCON1 register is
set. The BOEN bit in the SSPCON3 register modifies this
operation. For more information, refer to Register 28-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com