Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 161 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 161 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 157Page - Microchip Technology MCP19124 Datasheet HTML 158Page - Microchip Technology MCP19124 Datasheet HTML 159Page - Microchip Technology MCP19124 Datasheet HTML 160Page - Microchip Technology MCP19124 Datasheet HTML 161Page - Microchip Technology MCP19124 Datasheet HTML 162Page - Microchip Technology MCP19124 Datasheet HTML 163Page - Microchip Technology MCP19124 Datasheet HTML 164Page - Microchip Technology MCP19124 Datasheet HTML 165Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 161
MCP19124/5
28.3.5
START CONDITION
The I2C specification defines a Start condition as a
transition of SDA from a high state to a low state, while
SCL line is high. A Start condition is always generated
by the master and signifies the transition of the bus
from an Idle to an Active state. Figure 28-4 shows the
wave forms for Start and Stop conditions.
A bus collision can occur on a Start condition if the
module samples the SDA line low before asserting it
low. This does not conform to the I2C Specification that
states no bus collision can occur on a Start.
28.3.6
STOP CONDITION
A Stop condition is a transition of the SDA line from
low-to-high state while the SCL line is high.
28.3.7
RESTART CONDITION
A Restart is valid any time that a Stop is valid. A master
can issue a Restart if it wishes to hold the bus after
terminating the current transfer. A Restart has the same
effect on the slave that a Start would, resetting all slave
logic and preparing it to clock in an address. The master
may want to address the same or another slave.
In 10-bit Addressing Slave mode, a Restart is required
for the master to clock data out of the addressed
slave. Once a slave has been fully addressed,
matching both high and low address bytes, the master
can issue a Restart and the high address byte with the
R/W bit set. The slave logic will then hold the clock
and prepare to clock out data.
After a full match with R/W clear in 10-bit mode, a prior
match flag is set and maintained. Until a Stop
condition, a high address with R/W clear or a high
address match fails.
28.3.8
START/STOP CONDITION
INTERRUPT MASKING
The SCIE and PCIE bits in the SSPCON3 register can
enable the generation of an interrupt in Slave modes
that do not typically support this function. These bits
will have no effect on slave modes where interrupt on
Start and Stop detect are already enabled.
FIGURE 28-4:
I2C START AND STOP CONDITIONS
FIGURE 28-5:
I2C RESTART CONDITION
Note: At least one SCL low time must appear
before a Stop is valid. Therefore, if the SDA
line goes low then high again while the SCL
line stays high, only the Start condition is
detected.
SDA
SCL
P
Stop
Condition
S
Start
Condition
Change of
Data Allowed
Change of
Data Allowed
Restart
Condition
Sr
Change of
Data Allowed
Change of
Data Allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com