Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 174 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 174 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 170Page - Microchip Technology MCP19124 Datasheet HTML 171Page - Microchip Technology MCP19124 Datasheet HTML 172Page - Microchip Technology MCP19124 Datasheet HTML 173Page - Microchip Technology MCP19124 Datasheet HTML 174Page - Microchip Technology MCP19124 Datasheet HTML 175Page - Microchip Technology MCP19124 Datasheet HTML 176Page - Microchip Technology MCP19124 Datasheet HTML 177Page - Microchip Technology MCP19124 Datasheet HTML 178Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 236 page
background image
FIGURE 28-13:
I2C SLAVE, 10-BIT ADDRESS, RECEPTION (SEN = 0, AHEN = 1, DHEN = 0)
Receive First Address Byte
UA
Receive Second Address Byte
UA
Receive Data
ACK
Receive Data
1
1
1
1
0
A9 A8
A7 A6 A5 A4 A3 A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
D7 D6 D5
SDA
SCL
SSPIF
BF
ACKDT
UA
CKP
ACKTIM
1
2
3
4
5
678
9
ACK
ACK
12
3
456
78
9
12
3
4
5
6
7
8
9
1
2
Cleared by software
Cleared by software
R/W = 0
S
Set by hardware
on 9th falling edge
Slave software clears
ACKDT to ACK
the received byte
SSPBUF can be
read anytime
before the next
received cycle
Received data
is read from
SSPBUF
Update of SSPADD,
clears UA and releases
SCL
If when AHEN = 1:
on the 8th falling edge of SCL
of an address byte, CKP is
cleared
ACKTIM is set by hardware
on 8th falling edge of SCL
Update to SSPADD is
not allowed until 9th
falling edge of SCL
Set CKP with software
releases SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com