Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 175 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 175 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 171Page - Microchip Technology MCP19124 Datasheet HTML 172Page - Microchip Technology MCP19124 Datasheet HTML 173Page - Microchip Technology MCP19124 Datasheet HTML 174Page - Microchip Technology MCP19124 Datasheet HTML 175Page - Microchip Technology MCP19124 Datasheet HTML 176Page - Microchip Technology MCP19124 Datasheet HTML 177Page - Microchip Technology MCP19124 Datasheet HTML 178Page - Microchip Technology MCP19124 Datasheet HTML 179Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 236 page
background image
FIGURE 28-14:
I2C SLAVE, 10-BIT ADDRESS, TRANSMISSION (SEN = 0, AHEN = 0, DHEN = 0)
Receiving Address
ACK
Receiving Second Address Byte
Sr
Receive First Address Byte
ACK
Transmitting Data Byte
1 1 1 1 0
A9 A8
A7 A6 A5 A4 A3 A2 A1 A0
1 1 1 1 0
A9 A8
D7 D6 D5D4D3D2 D1 D0
SDA
SCL
SSPIF
BF
UA
CKP
R/W
D/A
12 3 4 5 67 8 9
1 2 34 5 67 8 9
12 3 4 5 67 8 9
1 2 34 5 6 78 9
ACK = 1
P
ACK
R/W = 0
S
Set by hardware
ACKSTAT
Set by hardware
Master sends
Restart event
Master sends
not ACK
Master sends
Stop condition
Cleared by
software
SSPBUF loaded
with received address
UA indicates SSPADD
must be updated
After SSPADD is updated.
UA is cleared and SCL is
released
Received address is
read from SSPBUF
High address is loaded
back into SSPADD
R/W is copied from the
matching address byte
Data to transmit is
loaded into SSPBUF
Set by software
releases SCL
Master’s not ACK is copied
Indicates an address
has been received
When R/W = 1:
CKP is cleared on 9th falling edge of SCLx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com