Electronic Components Datasheet Search
  English  ▼

X  

MCP19124 Datasheet(PDF) 195 Page - Microchip Technology

Part # MCP19124
Description  Digitally-Enhanced Power Analog Synchronous Low-Side Dual-Loop PWM Controller
PDF  236 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP19124 Datasheet(HTML) 195 Page - Microchip Technology

Back Button MCP19124 Datasheet HTML 191Page - Microchip Technology MCP19124 Datasheet HTML 192Page - Microchip Technology MCP19124 Datasheet HTML 193Page - Microchip Technology MCP19124 Datasheet HTML 194Page - Microchip Technology MCP19124 Datasheet HTML 195Page - Microchip Technology MCP19124 Datasheet HTML 196Page - Microchip Technology MCP19124 Datasheet HTML 197Page - Microchip Technology MCP19124 Datasheet HTML 198Page - Microchip Technology MCP19124 Datasheet HTML 199Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 236 page
background image
 2016 Microchip Technology Inc.
DS20005619A-page 195
MCP19124/5
bit 3-0
SSPM<3:0>: Synchronous Serial Port Mode Select bits
0000
= Reserved
0001
= Reserved
0010
= Reserved
0011
= Reserved
0100
= Reserved
0101
= Reserved
0110
= I2C Slave mode, 7-bit address
0111
= I2C Slave mode, 10-bit address
1000
= I2C Master mode, clock = FOSC/(4 x (SSPADD+1)) (3)
1001
= Reserved
1010
= Reserved
1011
= I2C Firmware-Controlled Master mode (Slave idle)
1100
= Reserved
1101
= Reserved
1110
= I2C Slave mode, 7-bit address with Start and Stop bit interrupts enabled
1111
= I2C Slave mode, 10-bit address with Start and Stop bit interrupts enabled
REGISTER 28-2:
SSPCON1: SSP CONTROL REGISTER 1 (CONTINUED)
Note 1: In Master mode, the overflow bit is not set since each new reception (and transmission) is initiated by
writing to the SSPBUF register.
2: When enabled, the SDA and SCL pins must be configured as inputs.
3: SSPADD values of 0, 1 or 2 are not supported for I2C mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com