Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 15 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 15 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 11Page - SMSC Corporation PPC34C60 Datasheet HTML 12Page - SMSC Corporation PPC34C60 Datasheet HTML 13Page - SMSC Corporation PPC34C60 Datasheet HTML 14Page - SMSC Corporation PPC34C60 Datasheet HTML 15Page - SMSC Corporation PPC34C60 Datasheet HTML 16Page - SMSC Corporation PPC34C60 Datasheet HTML 17Page - SMSC Corporation PPC34C60 Datasheet HTML 18Page - SMSC Corporation PPC34C60 Datasheet HTML 19Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 58 page
background image
SMSC DS – PPC34C60
Page 15
Rev. 06/01/2001
ADVANCED INFORMATION
3.2 Design Example
FIGURE 3 shows a simple system design that uses most of the PPC34C60's interface functions. This example shows:
1)
A DRAM interface.
2)
An 8Kx8 NV-memory device interface using nStrobe Output 0 to latch the upper address bits and nChip Select Output
0 to enable the device.
3)
An interface to SMSC's FDC37C662 Super I/O Floppy Disk Controller. This section of the design illustrates how the
PPC34C60 can handle a direct memory access interface, four interrupts, and an additional chip select output
configured as a standard output pin. The SRST (reset output) is used to reset the floppy disk controller.
4)
The use of 10K bias resistors to implement a product ID code.
FIGURE 3 - TYPICAL SYSTEM INTERFACE
PPC34C60
A[8:9]
A[0:7]
nWR
nOE
nRAS
nCAS
SD[0:7]
A[8:9]
A[0:7]
nWR
nOE
nRAS
nCAS
SD[8:15]
1Mx8 DRAM
1Mx8 DRAM
374
D[0:7]
Q[0:7]
CLOCK
nOE
A[0:7]
A[8:12]
nWR
nOE
SD[0:7]
Optional, 8Kx8 SRAM
EEPROM, etc.
FDC37C662
D[0:7]
A[0:7]
A[8:9]
nIOW
nIOR
FDRQ
nDACK
TC
IRQ3
IRQ4
PINTR
FINTR
AEN
RST
SD[0:15]
MA[8:9]
SA[0:7]
nSWR
nSRD
nRAS
nCAS
nIO16
nST0
nCE
nCS0
DREQ
nDACK
TC
IN0
IN1
IN2
IN3
CS1
SRST
IRQ
UPPER
ADDRESS
LATCH
TEST
Xin
Xout
Yin
Yout
24MHz
32
KHz
nPID
nPID
nPID
Product
ID =
7BDEh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com