Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 18 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 18 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 14Page - SMSC Corporation PPC34C60 Datasheet HTML 15Page - SMSC Corporation PPC34C60 Datasheet HTML 16Page - SMSC Corporation PPC34C60 Datasheet HTML 17Page - SMSC Corporation PPC34C60 Datasheet HTML 18Page - SMSC Corporation PPC34C60 Datasheet HTML 19Page - SMSC Corporation PPC34C60 Datasheet HTML 20Page - SMSC Corporation PPC34C60 Datasheet HTML 21Page - SMSC Corporation PPC34C60 Datasheet HTML 22Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
SMSC DS – PPC34C60
Page 18
Rev. 06/01/2001
ADVANCED INFORMATION
3.4 Internal Register Map
The internal registers of the PPC34C60 are selected by performing an Address Write Cycle with bits B and M (bits 5 and 4)
set to 1,1 (see Table 2). The desired register is selected by the binary value of A3A2A1A0 (bits-3:0), also shown as
RRRR. Internal register RRRR is made available for Read or Write based on the bit value of W (bit 6) as shown below. All
internal registers are eight bits wide.
Table 3 - Internal Register Map
W*
BM
RRRR
REGISTER DESCRIPTION
DEFAULTS
X
11
0000
Address Register
00
X
11
0001
Output Configuration Reg
10
X
11
0010
Output Register
80
1
11
0011
Sound Register
NA
0
11
0011
Input Register
SF
X
11
0100
Operation Register
00
X
11
0101
DRAM Buffer Size Register
0C
X
11
0110
Host DRAM Buffer Pointer
00
X
11
0111
DMA DRAM Buffer Pointer
00
X
11
1000
Host Max Block Count - Low
00
X
11
1001
Host Max Block Count - High
10
X
11
1010
DMA Byte Count - Low
00
X
11
1011
DMA Byte Count - High
00
X
11
1100
Configuration Register
04
0
11
1101
Chip Revision Level
00
1
11
1110
Port Test Register
NA
0
11
1110
Port Test Register
00
X
11
1111
Data Transfer Control Register
01
*W
X = Read/Write
1 = Write
0 = Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com