Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 33 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 33 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 29Page - SMSC Corporation PPC34C60 Datasheet HTML 30Page - SMSC Corporation PPC34C60 Datasheet HTML 31Page - SMSC Corporation PPC34C60 Datasheet HTML 32Page - SMSC Corporation PPC34C60 Datasheet HTML 33Page - SMSC Corporation PPC34C60 Datasheet HTML 34Page - SMSC Corporation PPC34C60 Datasheet HTML 35Page - SMSC Corporation PPC34C60 Datasheet HTML 36Page - SMSC Corporation PPC34C60 Datasheet HTML 37Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 58 page
background image
SMSC DS – PPC34C60
Page 33
Rev. 06/01/2001
ADVANCED INFORMATION
SUGGESTED OSCILLATOR CIRCUITS
The PPC34C60 requires two frequency sources. The 24MHz clock is supplied with a parallel resonant 24MHz crystal
oscillator connected as shown in FIGURE 9. It is important that the board designer place the crystal oscillator close to the
PPC34C60 maintaining the shortest possible traces. The 24MHz clock is used by much of the internal circuitry and
provides the time base used by the Bus Interface circuitry.
The second clock source is provided by an RC circuit and should be connected as shown in FIGURE 10. This clock is
used primarily by the Watch Dog Timer and Piezo Driver functional blocks.
PPC34C60
Xin
Xout
24MHz Crystal
20 pF
20 pF
FIGURE 9 - SUGGESTED 24 MHZ OSCILLATOR CIRCUIT
FIGURE 10 - SUGGESTED 32 KHZ OSCILLATOR CIRCUIT
PPC34C60
Yin
Yout
R
2.2 K
100
.068 uF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com