Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 26 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 26 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 22Page - SMSC Corporation PPC34C60 Datasheet HTML 23Page - SMSC Corporation PPC34C60 Datasheet HTML 24Page - SMSC Corporation PPC34C60 Datasheet HTML 25Page - SMSC Corporation PPC34C60 Datasheet HTML 26Page - SMSC Corporation PPC34C60 Datasheet HTML 27Page - SMSC Corporation PPC34C60 Datasheet HTML 28Page - SMSC Corporation PPC34C60 Datasheet HTML 29Page - SMSC Corporation PPC34C60 Datasheet HTML 30Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 58 page
background image
SMSC DS – PPC34C60
Page 26
Rev. 06/01/2001
ADVANCED INFORMATION
CONFIGURATION REGISTER - 1100 (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
RST
MAXCNT
SFIFO
rsvrd
RAMSZ1
RAMSZ0
CKSEL1
CKSEL0
The bits in this register define the configuration of the system.
Bit 7:RST
Setting this bit resets the storage elements in the chip.
Bit 6:MAXCNT
When this bit is set, the Max Block Count Registers are used to limit the bus and DRAM accesses.
Bit 5:SFIFO
This bit selects the operating mode of the Read FIFO. Setting this bit causes the internal Read FIFO to operate as a single-
word read-ahead. If this bit is clear, the Read FIFO will operate as a two-word read-ahead.
Bit 4:rsvrd
This bit is reserved and should be written as zeros.
Bits[3:2]:RAMSZ[1:0]
RAMSZ1
RAMSZ0
DRAM BUS WIDTH
0
0
Selects DRAM data width of 4 bits.
0
1
Selects DRAM data width of 8 bits.
1
X
Selects DRAM data width of 16 bits.
Bits[1:0]:CKSEL[1:0]
CKSEL1
CKSEL0
BUS CYCLE (BUSCLK)
0
0
Bus Cycle (BUSCLK) = System Clock / 2
0
1
Bus Cycle (BUSCLK) = System Clock / 3
1
0
Bus Cycle (BUSCLK) = System Clock / 5
1
1
Bus Cycle (BUSCLK) = System Clock / 6
BUSCLK clocks the Bus Interface State Machine responsible for generating Bus Access, DRAM access, and DRAM
Refresh timing. BUSCLK is also responsible for Output Strobe timing. System Clock is the SCLK input (pin 96) and is
typically 24MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com