Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 54 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 54 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 50Page - SMSC Corporation PPC34C60 Datasheet HTML 51Page - SMSC Corporation PPC34C60 Datasheet HTML 52Page - SMSC Corporation PPC34C60 Datasheet HTML 53Page - SMSC Corporation PPC34C60 Datasheet HTML 54Page - SMSC Corporation PPC34C60 Datasheet HTML 55Page - SMSC Corporation PPC34C60 Datasheet HTML 56Page - SMSC Corporation PPC34C60 Datasheet HTML 57Page - SMSC Corporation PPC34C60 Datasheet HTML 58Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 54 / 58 page
background image
SMSC DS – PPC34C60
Page 54
Rev. 06/01/2001
ADVANCED INFORMATION
FIGURE 24 - DRAM WRITE CYCLE TIMING
When the DRAM bus width (4, 8 or 16 bits) is narrower than the Host bus (always 8-bits) or the Peripheral bus (8 or 16 bits)
than the PPC34C60 will implement fast page mode DRAM cycles to complete the data transfer. These page mode
transfers are performed for DMA as well as Host DRAM access.
See DRAM Write Cycle Timing parameters.
DRAM WRITE CYCLE TIMING
PARAMETER
MIN
TYP
MAX
UNITS
t1
10-bit DRAM row address valid to nWR
asserted.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t2
10-bit DRAM row address valid to nRAS
asserted.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t3
nRAS asserted to valid 10-bit DRAM
column address.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t4
10-bit DRAM column address valid to
nCAS asserted.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t5
10-bit DRAM column address incremented
following nCAS asserted.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t6
Valid write data in relation to the 10-bit
column
address
presented
by
the
PPC34C60.
0
10
ns
t7
DRAM column address incremented to
nCAS deasserted.
74
[1 BCLK
-10]
84
[1 BCLK]
94
[1BCLK
+10]
ns
t8
Valid write data in relation to the 10-bit
column
address
presented
by
the
PPC34C60.
0
10
ns
t9
nCAS deasserted to valid data placed on
the data bus.
0
10
ns
t10
nCAS and nRAS both deasserted to nWR
deasserted.
0
42
[1 SCLK]
ns
t3
t5
t4
t7
t2
t1
t10
t6
t8
t9
t8
Data Valid
Row Addr
Row Addr
Col Addr
Col Addr +2
Col Addr +1
SAB
Data Valid
Col Addr bits 8 & 9
SAB
MA[8:9]
SA[0:7]
nCAS
nRAS
nRD
nWR
SD[0:15]
BUSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com