Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 58 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 58 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 50Page - SMSC Corporation PPC34C60 Datasheet HTML 51Page - SMSC Corporation PPC34C60 Datasheet HTML 52Page - SMSC Corporation PPC34C60 Datasheet HTML 53Page - SMSC Corporation PPC34C60 Datasheet HTML 54Page - SMSC Corporation PPC34C60 Datasheet HTML 55Page - SMSC Corporation PPC34C60 Datasheet HTML 56Page - SMSC Corporation PPC34C60 Datasheet HTML 57Page - SMSC Corporation PPC34C60 Datasheet HTML 58Page - SMSC Corporation  
Zoom Inzoom in Zoom Outzoom out
 58 / 58 page
background image
SMSC DS – PPC34C60
Page 58
Rev. 06/01/2001
ADVANCED INFORMATION
FIGURE 30 - 100 PIN QFP PACKAGE OUTLINES
0.10
-C-
H
A
A1
A2
TD/TE
0
L1
L
E1
E
D1
D
e
W
DIM
A
A1
A2
D
D1
E
E1
H
L
L1
e
0
W
TD(1)
TE(1)
TD(2)
TE(2)
MIN
2.80
0.1
2.57
23.4
19.9
17.4
13.9
0.1
0.65
1.8
MAX
3.15
0.45
2.87
24.15
20.1
18.15
14.1
0.2
0.95
2.6
MIN
.110
.004
.101
.921
.783
.685
.547
.004
.026
.071
MAX
.124
.018
.113
.951
.791
.715
.555
.008
.037
.102
0°
.2
21.8
15.8
22.21
16.27
12°
.4
22.2
16.2
22.76
16.82
0.65 BSC
0°
.008
.858
.622
.874
.641
12°
.016
.874
.638
.896
.662
.0256 BSC
Notes:
1) Coplanarity is 0.100mm (.004") maximum.
2) Tolerance on the position of the leads is
0.200mm (.008") maximum.
3) Package body dimensions D1 and E1 do not
include the mold protrusion. Maximum mold
protrusion is 0.25mm (.010").
4) Dimensions TD and TE are important for testing
by robotic handler. Only above combinations of (1)
or (2) are acceptable.
5) Controlling dimension: millimeter. Dimensions
in inches for reference only and not necessarily
accurate.
MILLIMETERS
INCHES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com