Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 48 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 48 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 44Page - SMSC Corporation PPC34C60 Datasheet HTML 45Page - SMSC Corporation PPC34C60 Datasheet HTML 46Page - SMSC Corporation PPC34C60 Datasheet HTML 47Page - SMSC Corporation PPC34C60 Datasheet HTML 48Page - SMSC Corporation PPC34C60 Datasheet HTML 49Page - SMSC Corporation PPC34C60 Datasheet HTML 50Page - SMSC Corporation PPC34C60 Datasheet HTML 51Page - SMSC Corporation PPC34C60 Datasheet HTML 52Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 58 page
background image
SMSC DS – PPC34C60
Page 48
Rev. 06/01/2001
ADVANCED INFORMATION
FIGURE 19 - ECP FORWARD DATA TRANSFER TIMING
(ECP DATA WRITE, PARALLEL PORT SIGNALS)
See ECP Forward Data Transfer Timing Parameters
ECP FORWARD DATA TRANSFER TIMING
(ECP DATA WRITE, PARALLEL PORT SIGNALS)
PARAMETER
MIN
TYP
MAX
UNITS
t1
The PPC34C60 indicates it is ready to
receive another byte of data from the Host
by deasserting BSY. The Host if and when
ready will place a byte on HD[0:7]. This
time is the time required between the
deassertion of BSY and data on HD[0:7].
42
[SCLK]
ns
t2
The Host places data on HD[0:7] and at the
same time deasserts nALF to indicate that
this is a Data transfer.
0
ns
t3
After placing data on HD[0:7] and
deasserting nALF, the host is required to
meet this setup time before asserting
nSTB.
Assetion of nSTB informs the
PPC34C60 that valid data is on HD[0:7]
and that nALF is valid.
0
ns
t4
The peripheral acknowledges by asserting
BSY.
334
[8 SCLK]
ns
t5
Once
the
peripheral
has
sent
its
acknowledgement the Host deasserts
nSTB to continue the handshake.
The
PPC34C60 latches the data on this rising
edge of nSTB.
42
[SCLK]
ns
t6
As soon as the PPC34C60 has accepted
the data and is ready to accept another
byte it deasserts the BSY signal.
334
[8 SCLK]
ns
t1
t1
t3
t5
t2
t2
t4
t6
VALID DATA
HD[0:7]
nSTB H
nALF H
nSEL H
nINIT H
BSY P
nACK P
PE P
SLCT P
nERR P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com