Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 29 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 29 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 25Page - SMSC Corporation PPC34C60 Datasheet HTML 26Page - SMSC Corporation PPC34C60 Datasheet HTML 27Page - SMSC Corporation PPC34C60 Datasheet HTML 28Page - SMSC Corporation PPC34C60 Datasheet HTML 29Page - SMSC Corporation PPC34C60 Datasheet HTML 30Page - SMSC Corporation PPC34C60 Datasheet HTML 31Page - SMSC Corporation PPC34C60 Datasheet HTML 32Page - SMSC Corporation PPC34C60 Datasheet HTML 33Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 58 page
background image
SMSC DS – PPC34C60
Page 29
Rev. 06/01/2001
ADVANCED INFORMATION
5
DRAM BUFFER OPERATION
The PPC34C60 provides support for a DRAM buffer with DMA capability. DRAM bus widths of 4, 8, or 16 bits may be
used, with linear 20 bit addressing. DMA to and from the DRAM may be either 8 or 16 bit cycles. The PPC34C60 will take
care of matching the bus widths between the DMA Controller and the DRAM. If multiple DRAM accesses are necessary for
a DMA cycle, they will use fast page mode.
DRAM refresh is automatic, and uses a CAS before RAS refresh method. The DRAM is addressed as a number of
buffers. The buffer size is programmable to 'power of 2' sizes between 2 and 64K bytes. A byte counter is used to
control the DRAM access. It may be programmed to any value from 1 up to the buffer size. To prevent overwriting data,
the byte counter should not be set to a value exceeding the buffer size.
The DRAM may be independently accessed by the host and the DMA Controller. There are separate buffer and byte
counters for each. When a DRAM transfer is complete, the buffer number is incremented, and further DRAM access is
blocked.
DRAM Linear Address Mapping
MA9
MA8
SA7
SA6
SA5
SA4
SA3
SA2
SA1
SA0
ROW
A19
A17
A15
A14
A13
A12
A11
A10
A9
A8
COL
A18
A16
A7
A6
A5
A4
A3
A2
A1
A0
64K x N
256K x N
1M x N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com