Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 32 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 32 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 28Page - SMSC Corporation PPC34C60 Datasheet HTML 29Page - SMSC Corporation PPC34C60 Datasheet HTML 30Page - SMSC Corporation PPC34C60 Datasheet HTML 31Page - SMSC Corporation PPC34C60 Datasheet HTML 32Page - SMSC Corporation PPC34C60 Datasheet HTML 33Page - SMSC Corporation PPC34C60 Datasheet HTML 34Page - SMSC Corporation PPC34C60 Datasheet HTML 35Page - SMSC Corporation PPC34C60 Datasheet HTML 36Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 58 page
background image
SMSC DS – PPC34C60
Page 32
Rev. 06/01/2001
ADVANCED INFORMATION
Table 6 - DRAM Refresh State Flow Description*
IDLE
nRAS and nCAS go inactive.
STATE 1
nCAS goes active for first refresh.
STATE 2
nRAS goes active for first refresh.
STATE 3
STATE 4
nRAS and nCAS go inactive.
STATE 5
nCAS goes active for second refresh.
STATE 6
nRAS goes active for second refresh.
STATE 7
*For SCLK = 24 MHz, a DRAM Refresh Cycle is performed every 30
µS. Bus cycles have built-in DRAM refresh which
reset the 30
µS refresh timer.
POWERING THE PPC34C60
The PPC34C60 has a built-in mechanism to insure against damage when the peripheral is powered down and the host is
powered up.
FIGURE 8 shows how to incorporate this protection feature into your peripheral's power and return design. Isolate the
chip's VCC from the rest of the peripheral's VCC using a Schottky diode. The SENSE input should be tied to the
peripheral's VCC and the anode of the diode. When the peripheral's power is off, the SENSE input will go low, tri-stating all
outputs. This prevents the PPC34C60 from driving into a low impedance load and damaging its input protection diodes.
When the peripheral's power is turned on, the SENSE line will be pulled high and all output drivers of the PPC34C60 will be
enabled.
FIGURE 8 - SUGGESTED PP
PPC34C60
Schottky diode, Vrb > 10v
1N5818 - Under 1 Amp
1N5821 - 1-3 Amps
Power Supply
VCC
SENSE
33
9
21
41
60
72
90
91
71
59
40
22
10
VCC
GND
To VCC for the
rest of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com