Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 39 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 39 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 35Page - SMSC Corporation PPC34C60 Datasheet HTML 36Page - SMSC Corporation PPC34C60 Datasheet HTML 37Page - SMSC Corporation PPC34C60 Datasheet HTML 38Page - SMSC Corporation PPC34C60 Datasheet HTML 39Page - SMSC Corporation PPC34C60 Datasheet HTML 40Page - SMSC Corporation PPC34C60 Datasheet HTML 41Page - SMSC Corporation PPC34C60 Datasheet HTML 42Page - SMSC Corporation PPC34C60 Datasheet HTML 43Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 58 page
background image
SMSC DS – PPC34C60
Page 39
Rev. 06/01/2001
ADVANCED INFORMATION
FIGURE 12 - SPP DATA WRITE TIMING (PARALLEL PORT SIGNALS
)
This signaling sequence pertains to a device that has been previously selected to communicate via SPP Mode.
SPP DATA WRITE TIMING (PARALLEL PORT SIGNALS)
PARAMETER
MIN
TYP
MAX
UNITS
t1
nINIT controls the direction of the parallel
port when in SPP mode. nINIT deasserted
to HD[0:7] released to high impedance by
the PPC34C60.
84
[2 SCLK]
125
[3 SCLK]
ns
t2
Valid data on HD[0:7] to nSTB asserted
edge.
125
[3 SCLK]
ns
t3
BSY deasserted (low) to nSTB asserted
edge.
0
ns
t4
nSTB asserted pulse width.
125
[3 SCLK]
ns
t5
Valid data hold from nSTB deasserted
edge.
125
[3 SCLK]
ns
t6
nSTB asserted edge to BSY asserted
edge.
333
[8 SCLK]
375
[9 SCLK]
ns
t7
BSY asserted pulse width. These values
are based on BCLK = 2 SCLK.
0
1,084
[13 BCLK]
ns
t1
t5
t5
t2
t3
t4
t2
t3
t4
t6
t7
t6
HD[0:7]
nSTB H
nALF H
nSEL H
nINIT H
BSY P
nACK P
PE P
SLCT P
nERR P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com