Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 43 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 43 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 39Page - SMSC Corporation PPC34C60 Datasheet HTML 40Page - SMSC Corporation PPC34C60 Datasheet HTML 41Page - SMSC Corporation PPC34C60 Datasheet HTML 42Page - SMSC Corporation PPC34C60 Datasheet HTML 43Page - SMSC Corporation PPC34C60 Datasheet HTML 44Page - SMSC Corporation PPC34C60 Datasheet HTML 45Page - SMSC Corporation PPC34C60 Datasheet HTML 46Page - SMSC Corporation PPC34C60 Datasheet HTML 47Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 58 page
background image
SMSC DS – PPC34C60
Page 43
Rev. 06/01/2001
ADVANCED INFORMATION
SPP NIBBLE READ (PARALLEL PORT SIGNALS)
PARAMETER
MIN
TYP
MAX
UNITS
t1
The PPC34C60 assembles a nibble of data and places it
on the status lines. The PPC34C60 then deasserts the
BSY signal to inform the Host that a valid nibble is
available.
42
[SCLK]
ns
t2
Once the Host senses that the BSY line is deasserted it
will then internally latch the nibble and then assert nSTB to
tell the PPC34C60 to get the next nibble.
0
ns
t3
It will take the PPC34C60 this amount of time to fetch and
present the next nibble of data.
250
[6 SCLK]
ns
t4
nSTB asserted pulse width
125
[3 SCLK]
ns
t5
nSTB deasserted pulse width
125
[3 SCLK]
ns
t6
Once the PPC34C60 has placed the next nibble, this is the
time for the Host to latch the nibble and then assert nSTB
to tell the PPC34C60 to get the next nibble.
42
[SCLK]
ns
t7
Once the Host has latched the last nibble it asserts the
nSTB signal to inform the PPC34C60 to fetch another
more data. If the PPC34C60 has to perform a DRAM or
BUS cycle it may have to assert the BSY signal until it has
completed the cycle and has placed a valid nibble on the
status lines.
This time represents the time from the
assertion of nSTB to the assertion of BSY when
appropriate.
334
[8 SCLK]
375
[9 SCLK]
ns
t8
This time represents the time it takes the PPC34C60 to
fetch and present the next valid nibble on the status lines.
This time will vary significantly based on the type of access
and the BCLK currently selected. These values are based
on BCLK = 2 SCLK.
0
1,084
[13 BCLK]
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com