Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 30 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 30 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 26Page - SMSC Corporation PPC34C60 Datasheet HTML 27Page - SMSC Corporation PPC34C60 Datasheet HTML 28Page - SMSC Corporation PPC34C60 Datasheet HTML 29Page - SMSC Corporation PPC34C60 Datasheet HTML 30Page - SMSC Corporation PPC34C60 Datasheet HTML 31Page - SMSC Corporation PPC34C60 Datasheet HTML 32Page - SMSC Corporation PPC34C60 Datasheet HTML 33Page - SMSC Corporation PPC34C60 Datasheet HTML 34Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 58 page
background image
SMSC DS – PPC34C60
Page 30
Rev. 06/01/2001
ADVANCED INFORMATION
5.1 Dram Physical Addressing
Users access the PPC34C60 DRAM through the Host and DMA logical addressing controls found in the Internal Registers.
The system automatically calculates the physical DRAM addresses based on the values stored in these registers and the
width of the system data paths.
The logical addressing controls are the 4-bit encoded Host and DMA DRAM buffer size controls in the DRAM Buffer Size
Register (0101h) and the 8-bit DRAM buffer pointers in the Host DRAM Buffer Pointer Register (0110h) and the DMA
DRAM Buffer Pointer Register (0111h). The DRAM Data Bus width is determined by RAMSZ0 and RAMSZ1, bits 2 and
3, in the Configuration Register (1100h). The System DMA Data Bus width is determined by D16, bit 1 in the Operation
Register (0100h). Host access is always eight bits.
The PPC34C60 determines physical DRAM addresses by calculating the buffer start address and adjusting this value for
bus width. The buffer start address is the buffer pointer multiplied by the buffer size. If the DRAM Bus width is greater than
or equal to the System Bus width then the buffer start address is the physical DRAM address, otherwise the physical DRAM
address is the buffer start address multiplied by the System Bus width divided by the DRAM Bus width as shown in the
FIGURE 6 below.
FIGURE 6 - DRAM PHYSICAL ADDRESSING
HOST/DMA Bus Width Greater Than DRAM Bus Width
Physical Address = Buffer Ptr * Buffer Size * System Bus Width / DRAM Bus Width
HOST/DMA Bus Width Less Than or Equal to DRAM Bus Width
Physical Address = Buffer Ptr * Buffer Size
For example, during a DMA transfer where;
1. the DRAM data bus width is four bits,
2. the DMA device data bus width is sixteen bits,
3. the DMA Buffer Size is 4096 bytes (1000h),
4. the DRAM Buffer Pointer is 2,
the Physical DRAM Address for the start of this transfer will be 32768 (8000h)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com