Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 36 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 36 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 32Page - SMSC Corporation PPC34C60 Datasheet HTML 33Page - SMSC Corporation PPC34C60 Datasheet HTML 34Page - SMSC Corporation PPC34C60 Datasheet HTML 35Page - SMSC Corporation PPC34C60 Datasheet HTML 36Page - SMSC Corporation PPC34C60 Datasheet HTML 37Page - SMSC Corporation PPC34C60 Datasheet HTML 38Page - SMSC Corporation PPC34C60 Datasheet HTML 39Page - SMSC Corporation PPC34C60 Datasheet HTML 40Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
SMSC DS – PPC34C60
Rev. 06/01/2001
ADVANCED INFORMATION
8
TIMING DIAGRAMS
The PPC34C60 supports three communications cycles: Address Write, Data Write, and Data Read. The signaling for these
cycles in Standard, EPP, and ECP modes is discussed below.
ADDRESS WRITE
An Address Write cycle must be issued before any Data cycles, since this tells the PPC34C60 whether the following Data
cycles are write/read, and where the data should go/come from.
Standard Mode
The host places the address information on the parallel port data lines, then strobes the address into the PPC34C60 by
pulsing Select In (HSEL) low with a minimum 200 ns pulse width. The PPC34C60 will always accept the Address Write
cycle, there is no Busy hold off.
EPP Mode
The host sends address information by writing to the EPP Address Register (base+3). The EPP interface chip places this
data on the parallel port data lines, then brings Select In (HSEL) low. The PPC34C60 latches the information, then
acknowledges the transfer by raising Busy (HBSY). The EPP interface chip may terminate the cycle when it sees Busy go
high.
ECP Mode
The host sends address information by writing to the ECP Address FIFO (base+0). The ECP interface chip places this data
on the parallel port data lines, sets Auto LF (HALF) low to indicate address information, then sets Strobe (HSTB) low to start
the transfer. The PPC34C60 acknowledges the cycle by raising Busy (HBSY). The ECP chip then raises Strobe. The
PPC34C60 latches the information, then sets Busy low.
DATA WRITE
The data write cycle is used to send data to the PPC34C60 registers, DRAM, or the remote system. A previous Address
Write cycle must have been sent to the PPC34C60 selecting Write, and the target of the write.
Standard Mode
If the PPC34C60 can accept data, busy (HBSY) will be low. The host places the data on the parallel port data lines, then
strobes the data into the PPC34C60 by pulsing Strobe (HSTB) low with a minimum 200 ns pulse width. If the PPC34C60 is
operating in the Burst Mode, then Strobe should only change state instead of pulsing low.
EPP Mode
If the PPC34C60 can accept data, Busy (HBSY) will be low. The host sends data by writing to the EPP Data Registers
(base+4 - base+7). The EPP interface chip places the data on the parallel port data lines, then lowers Auto LF (HALF).
The PPC34C60 latches the data, then raises Busy to acknowledge the transfer. The EPP interface chip may terminate the
cycle when it sees Busy go high.
ECP Mode
If the PPC34C60 can accept data, Busy (HBSY) will be low. The host sends data by writing to the ECP Data FIFO
(base+400h). The ECP interface chip places this data on the parallel port data lines, sets Auto LF (HALF) high to indicate
data cycle, then lowers Strobe (HSTB) to start the transfer. The PPC34C60 acknowledges the cycle by raising Busy. The
ECP chip then raises Strobe. The PPC34C60 latches the data, then sets Busy low.
DATA READ
A Data Read cycle is used to get data from the PPC34C60 registers, DRAM, or the remote system. A previous Address
Write cycle must have been sent to the PPC34C60 selecting Read, and the source of the read.
Standard Mode
If the PPC34C60 has data ready, Busy (HBSY) will be low. If the PPC34C60 is in 4 bit mode, the host reads the low nibble
from the status lines Ack (HACK), PError (HPE), Slct (HSLCT), Error (HERR). The host then pulses Strobe (HSTB) low to
acknowledge the low nibble. The PPC34C60 then places the high nibble on the same status lines, the host reads the high
nibble, then pulses Strobe to signal receipt of the data. If the PPC34C60 is in 8 bit mode, then the host disables it's data
drivers, floating the parallel port data lines. The host enables the PPC34C60 bus drivers by lowering Init (HINIT), reads the
data from the data lines, then pulses Strobe low to acknowledge the transfer. If the PPC34C60 is operating in Burst Mode,
then the Strobe only changes State instead of pulsing low in the above description.
EPP Mode
If the PPC34C60 has data ready, Busy (HBSY) will be low. The host gets data from the PPC34C60 by reading the EPP
Data Registers (base+4-base+7). The EPP interface chip disables the port drivers, then lowers Auto LF (HALF). At this
point, the PPC34C60 drives data onto the data lines, then raises Busy. The EPP Chip then latches the data, and raises
Auto LF to terminate the cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com