Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 11 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 11 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 7Page - SMSC Corporation PPC34C60 Datasheet HTML 8Page - SMSC Corporation PPC34C60 Datasheet HTML 9Page - SMSC Corporation PPC34C60 Datasheet HTML 10Page - SMSC Corporation PPC34C60 Datasheet HTML 11Page - SMSC Corporation PPC34C60 Datasheet HTML 12Page - SMSC Corporation PPC34C60 Datasheet HTML 13Page - SMSC Corporation PPC34C60 Datasheet HTML 14Page - SMSC Corporation PPC34C60 Datasheet HTML 15Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
SMSC DS – PPC34C60
Page 11
Rev. 06/01/2001
ADVANCED INFORMATION
1.1 Buffer Type Descriptions
BUFFER TYPE
DESCRIPTION
I
I/O8
I/O16
O8
O16
O24
PU
PD
Input, Schmitt Trigger
Input, Schmitt Trigger/8mA Output
Input, Schmitt Trigger/16mA Output
8mA Output
16mA Output
24mA Output
Pull Up, nominal 100K
Pull Down, nominal 100K
1.2 General Conventions
Throughout this document, the following various terms and conventions will be used:
Compatible = "Centronics"
SPP = "Standard Bi-Directional Parallel Port" (PS/2)
EPP = "Enhanced Parallel Port"
ECP = "Extended Capabilities Port"
1.3 Reference Documents
IEEE STD 1284, February 2, 1993.
The Enhanced Parallel Port, an Introduction; FarPoint Communications.
Daisy Chain Specification, Rev. 1.1, September 16, 1993; Disctec Corporation.
Enhanced Parallel Port BIOS Specification, Rev 3, February 12, 1993; FarPoint Communications.
ECP: Specification Kit, Rev 1.03, February 10, 1993; Microsoft Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com