Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 27 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 27 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 23Page - SMSC Corporation PPC34C60 Datasheet HTML 24Page - SMSC Corporation PPC34C60 Datasheet HTML 25Page - SMSC Corporation PPC34C60 Datasheet HTML 26Page - SMSC Corporation PPC34C60 Datasheet HTML 27Page - SMSC Corporation PPC34C60 Datasheet HTML 28Page - SMSC Corporation PPC34C60 Datasheet HTML 29Page - SMSC Corporation PPC34C60 Datasheet HTML 30Page - SMSC Corporation PPC34C60 Datasheet HTML 31Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
SMSC DS – PPC34C60
Page 27
Rev. 06/01/2001
ADVANCED INFORMATION
CHIP REVISION LEVEL REGISTER - 1101 (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
TYPE ID
REVISION
It is expected that the PPC34C60 will be used in various designs at different integration levels. This register provides a
means of determining which type of chip is in use. The most significant five bits are reserved for a Type ID; The least
significant three bits may be used to identify different masks and/or process types. This document refers to chips with
Revision Level values:
0000 0000
PORT TEST WRITE REGISTER - 1110 (Write Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INCREMENTING WRITE TEST PATTERN
The Port Test Write Register is used to determine the highest reliable printer port data transfer rate. An interface test must
be performed at various speeds until data integrity can be assured. To enable this test, select the Port Test Write Register
with an Address Write cycle. After being selected, the register looks for an incrementing pattern starting at 00. If data is
written out of sequence, or if a communications error occurs, the ERR bit in the Data Transfer Control Register will be set.
PORT TEST READ REGISTER - 1110 (Read Only)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
INCREMENTING READ TEST PATTERN
The Port Test Read Register verifies the read data transfer rate. To enable this test, select the Port Test Read Register
with an Address Write cycle. After being selected, this Register reads 00 when first addressed, and increments with every
access. The ERR bit in the Data Transfer Control Register is not affected by the Port Test Read.
DATA TRANSFER CONTROL REGISTER - 1111 (Read/Write)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ERR
rsvrd
rsvrd
rsvrd
rsvrd
rsvrd
BURST
8BIT
Bits 0 and 1 of this register provide options to regulate data transfer on non-enhanced ports. Bit 7 provides data transfer
rate status information as described in the Port Test Write Register.
Bit 7:ERR
This bit is set if an error occurs writing to the Port Test Write Register. It is cleared by selecting the Port Test Register with
an Address Write cycle.
Bits 6-2:rsvrd
These bits are reserved and should be written as zeros.
Bit 1:BURST
This bit is valid if the PPC34C60 is selected for Compatibility mode. Burst mode applies for reads and writes in Byte mode
and reads in Nibble mode (see IEEE STD 1284 - Reference 1). Setting this bit maximizes data transfer by minimizing
handshaking requirements. Data is latched on each edge of the Burst strobe as shown in FIGURE 5.
Bit 0:8BIT
This bit is only valid with a bi-directional port in Compatibility mode. Setting this bit selects Reverse Transfer Byte mode.
Clearing this bit selects Reverse Transfer Nibble mode (see IEEE STD 1284 - Reference 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com