Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 41 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 41 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 37Page - SMSC Corporation PPC34C60 Datasheet HTML 38Page - SMSC Corporation PPC34C60 Datasheet HTML 39Page - SMSC Corporation PPC34C60 Datasheet HTML 40Page - SMSC Corporation PPC34C60 Datasheet HTML 41Page - SMSC Corporation PPC34C60 Datasheet HTML 42Page - SMSC Corporation PPC34C60 Datasheet HTML 43Page - SMSC Corporation PPC34C60 Datasheet HTML 44Page - SMSC Corporation PPC34C60 Datasheet HTML 45Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 58 page
background image
SMSC DS – PPC34C60
Page 41
Rev. 06/01/2001
ADVANCED INFORMATION
SPP DATA READ TIMING
PARAMETER
MIN
TYP
MAX
UNITS
t1
nINIT controls the direction of the parallel port when in
SPP mode. When nINIT is asserted the data port is driven
by the PPC34C60 and read by the Host.
This time
represents the time from nINIT asserted to HD[0:7] driven
by the PPC34C60. Note: data is not necessarily valid.
84
[2 SCLK]
125
[3 SCLK]
ns
t2
As soon as the PPC34C60 places valid data onto the
HD[0:7] port lines, the BSY signal is deasserted by the
PPC34C60 to inform the Host that data is now valid.
0
20
ns
t3
This time is determined by the host, the PPC34C60 places
no restriction on this time. This time represents the time it
takes the Host to recognize and latch the valid data on
HD[0:7].
n/a
n/a
t4
nSTB pulse width. This time represents the duration that
nSEL must be asserted in order for the PPC34C60 to
recognize an edge.
125
[3 SCLK]
ns
t5
Once the Host has latched the Data on HD[0:7] it asserts
the nSTB signal to inform the PPC34C60 to fetch another
byte of data. If the PPC34C60 has to perform a DRAM or
BUS cycle it may have to assert the BSY signal until it has
completed the cycle and has placed valid data on HD[0:7].
This time represents the time from the assertion of nSTB
to the assertion of BSY when appropriate.
334
[8 SCLK]
375
[9 SCLK]
ns
t6
Once the Host has latched the Data on HD[0:7] it asserts
the nSTB signal to inform the PPC34C60 to fetch another
byte of data.
This time represents the time that the
HD[0:7] data will remain valid from the assertion of nSTB.
84
[2 SCLK]
125
[3 SCLK]
ns
t7
This time (+t6) represents the time it takes the PPC34C60
to fetch and present the next valid data byte on the HD[0:7]
lines. This time will vary significantly based on the type of
access and the BCLK currently selected. These values
are based on BCLK = 2 SCLK.
250
[6 SCLK]
1,292
[5 SCLK]
+
[13 BCLK]
ns
t8
nINIT controls the direction of the parallel port when in
SPP mode. nINIT deasserted to HD[0:7] released to high
impedance by the PPC34C60.
84
[2 SCLK]
125
[3 SCLK]
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com