Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 47 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 47 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 43Page - SMSC Corporation PPC34C60 Datasheet HTML 44Page - SMSC Corporation PPC34C60 Datasheet HTML 45Page - SMSC Corporation PPC34C60 Datasheet HTML 46Page - SMSC Corporation PPC34C60 Datasheet HTML 47Page - SMSC Corporation PPC34C60 Datasheet HTML 48Page - SMSC Corporation PPC34C60 Datasheet HTML 49Page - SMSC Corporation PPC34C60 Datasheet HTML 50Page - SMSC Corporation PPC34C60 Datasheet HTML 51Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 58 page
background image
SMSC DS – PPC34C60
Page 47
Rev. 06/01/2001
ADVANCED INFORMATION
FIGURE 18 - ECP FORWARD COMMAND TRANSFER TIMING
(ECP ADDRESS WRITE, PARALLEL PORT SIGNALS)
See ECP Forward Command Transfer Timing Parameters.
ECP FORWARD COMMAND TRANSFER TIMING
(ECP ADDRESS WRITE, PARALLEL PORT SIGNALS)
PARAMETER
MIN
TYP
MAX
UNITS
t1
The Host places data on HD[0:7] and at the
same time asserts nALF to indicate that
this is a Command transfer.
(the
PPC34C60 supports Address commands,
not RLE commands)
0
ns
t2
After placing data on HD[0:7] and asserting
nALF, the host is required to meet this
setup
time
before
asserting
nSTB.
Assetion of nSTB informs the PPC34C60
that valid data is on HD[0:7] and that nALF
is valid.
0
ns
t3
The peripheral acknowledges by asserting
BSY.
334
[8 SCLK]
ns
t4
Once
the
peripheral
has
sent
its
acknowledgement the Host deasserts
nSTB to continue the handshake.
The
PPC34C60 latches the address data on
this rising edge of nSTB.
42
[SCLK]
ns
t5
As soon as the PPC34C60 has accepted
the data and is ready to accept another
byte it deasserts the BSY signal.
334
[8 SCLK]
ns
t6
Once the PPC34C60 has indicated it is
ready to receive another byte of data from
the Host, the Host if and when ready will
place another byte on HD[0:7]. This time is
the time required between the deassertion
of BSY and new valid data on HD[0:7].
42
[SCLK]
ns
t6
t2
t4
t2
t1
t1
t3
t5
VALID ADDRESS
HD[0:7]
nSTB H
nALF H
nSEL H
nINIT H
BSY P
nACK P
PE P
SLCT P
nERR P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com