Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 52 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 52 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 48Page - SMSC Corporation PPC34C60 Datasheet HTML 49Page - SMSC Corporation PPC34C60 Datasheet HTML 50Page - SMSC Corporation PPC34C60 Datasheet HTML 51Page - SMSC Corporation PPC34C60 Datasheet HTML 52Page - SMSC Corporation PPC34C60 Datasheet HTML 53Page - SMSC Corporation PPC34C60 Datasheet HTML 54Page - SMSC Corporation PPC34C60 Datasheet HTML 55Page - SMSC Corporation PPC34C60 Datasheet HTML 56Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 58 page
background image
SMSC DS – PPC34C60
Page 52
Rev. 06/01/2001
ADVANCED INFORMATION
FIGURE 22 - PERIPHERAL BUS WRITE CYCLE TIMING
PARAMETER
MIN
TYP
MAX
UNITS
t1 nCS asserted to nWR asserted. This applies to any
and all of the general purpose output pins that have
been configured to operate as "special function" Chip
Select pins. This feature saves the designer from
having to implement costly address decoders.
74
[1 BCLK-10]
84
[1 BCLK]
94
[1BCLK+10]
ns
t2 nIO16 setup required to the assertion of nWR.
15
ns
t3 nIO16 hold time required from the assertion of nWR.
10
ns
t4 nWR asserted pulse width.
158
[2 BCLK-10]
168
[2 BCLK]
178
[2BCLK+10]
ns
t5 Write data valid from the assertion of nCS.
74
[1 BCLK-10]
84
[1 BCLK]
94
[1BCLK+10]
ns
t6 Write data valid hold time from the deassertion of
nWR.
74
[1 BCLK-10]
84
[1 BCLK]
94
[1BCLK+10]
ns
t7 nWR deasserted to nCS deasserted.
74
[1 BCLK-10]
84
[1 BCLK]
94
[1BCLK+10]
ns
T8 nWR deasserted to the address incremented (this is
valid only if the AUTOINC bit is set).
74
[1 BCLK-10]
84
[1 BCLK]
94
[1BCLK+10]
ns
t7
t3
t1
t2
t4
t5
t6
t8
valid
Data Valid
Address Valid
Address +1
AUTOINC bit set
nCAS
nRAS
nCS
nIO16
nRD
nWR
SD[0:15]
SA[0:7]
BUSCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com