Electronic Components Datasheet Search
  English  ▼

X  

PPC34C60 Datasheet(PDF) 44 Page - SMSC Corporation

Part # PPC34C60
Description  PARALLEL PORT INTERFACE CHIP PERIPHERAL SIDE
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

PPC34C60 Datasheet(HTML) 44 Page - SMSC Corporation

Back Button PPC34C60 Datasheet HTML 40Page - SMSC Corporation PPC34C60 Datasheet HTML 41Page - SMSC Corporation PPC34C60 Datasheet HTML 42Page - SMSC Corporation PPC34C60 Datasheet HTML 43Page - SMSC Corporation PPC34C60 Datasheet HTML 44Page - SMSC Corporation PPC34C60 Datasheet HTML 45Page - SMSC Corporation PPC34C60 Datasheet HTML 46Page - SMSC Corporation PPC34C60 Datasheet HTML 47Page - SMSC Corporation PPC34C60 Datasheet HTML 48Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 58 page
background image
SMSC DS – PPC34C60
Page 44
Rev. 06/01/2001
ADVANCED INFORMATION
FIGURE 15 - EPP ADDRESS WRITE (PARALLEL PORT SIGNALS)
EPP timing is IEEE P1284 compatible except the PPC34C60:
1)
Does not use nINIT to terminate EPP Mode (return to compatibility mode)
2)
Does not support using nACK to generate interrupts to the Host while selected.
See EPP Address Write Timing Parameters.
EPP ADDRESS WRITE (PARALLEL PORT SIGNALS)
PARAMETER
MIN
TYP
MAX
UNITS
t1
The Host asserts nSTB. At the same time the Host
places the address byte on HD[0:7]. This specifies the
jitter between nSTB being asserted and an address
appearing on HD[0:7]. The PPC34C60 does not rely
on nSTB.
0
50
ns
t2
The nSLCTIN signal is asserted coincident with the
above events to indicate that an EPP address cycle is
to take place. This time represents the jitter margin
between nSLCTIN asserted and the above two events.
0
50
ns
t3
The PPC34C60 will detect the assertion of nSLCTIN
and will assert BSY to indicate that it has latched the
address on HD[0:7].
250
[6 SCLK]
10,000
ns
t4
After the PPC34C60 asserts BSY the Host will then
indicate that the cycle is complete by deasserting
nSLCTIN.
This represents the response time
requirements put on the Host.
42
[SCLK]
ns
t5
Seeing that the Host has indicated that the cycle is
complete, the PPC34C60 will then deassert the BSY
line as soon as it is ready for another EPP transfer.
209
[5 SCLK]
ns
t6
As soon as the PPC34C60 deasserts BSY the Host
may initiate another EPP transfer. This time represents
the time between the PPC34C60 deasserting BSY to
the Host starting a new transfer cycle.
0
ns
t1
t1
7
t2
t4
t3
t5
VALID ADDRESS
HD[0:7]
nSTB H
nALF H
nSLCTIN H
nINIT H
BSY P
nACK P
PE P
SLCL P
nERR P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com