Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 12 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 12 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 8Page - THine Electronics, Inc. THCV231 Datasheet HTML 9Page - THine Electronics, Inc. THCV231 Datasheet HTML 10Page - THine Electronics, Inc. THCV231 Datasheet HTML 11Page - THine Electronics, Inc. THCV231 Datasheet HTML 12Page - THine Electronics, Inc. THCV231 Datasheet HTML 13Page - THine Electronics, Inc. THCV231 Datasheet HTML 14Page - THine Electronics, Inc. THCV231 Datasheet HTML 15Page - THine Electronics, Inc. THCV231 Datasheet HTML 16Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
12/56
Security E
Table 9. fCLKSSCG (THCV231)
HFSEL
(register)
fCLKSSCG
0
(1/tTCIP)/2
1
(1/tTCIP)/4
Table 10. fCLKSSCG (THCV236)
HFSEL
LFSEL
fCLKSSCG
0
0
(1/tRCP)/2
1
0
(1/tRCP)/4
*
1
Forbidden Setting
Up to 0.5 % spread at the 30kHz modulation frequency is stable for most cases. In case of using out of this
range, please verify at the actual system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com