Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 53 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 53 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 48Page - THine Electronics, Inc. THCV231 Datasheet HTML 49Page - THine Electronics, Inc. THCV231 Datasheet HTML 50Page - THine Electronics, Inc. THCV231 Datasheet HTML 51Page - THine Electronics, Inc. THCV231 Datasheet HTML 52Page - THine Electronics, Inc. THCV231 Datasheet HTML 53Page - THine Electronics, Inc. THCV231 Datasheet HTML 54Page - THine Electronics, Inc. THCV231 Datasheet HTML 55Page - THine Electronics, Inc. THCV231 Datasheet HTML 56Page - THine Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
53/56
Security E
PCB Layout Guideline regarding VDD and AVDD for THCV236
When power is supplied from reverse side layer to AVDD, please place ferrite bead between through-hole and
AVDD/VDD pins (Good Example1, 2). If it is needed to set ferrite beads on reverse side, please set
GND-through-hole between AVDD and VDD, and separate the distance as possible (Example). Don’t set
through-holes next to each other between ferrite beads and AVDD/VDD pins (Bad Example).
Good Example 1
Good Example 2
41
40
Bottom
Layer
39
42
3.6V-1.7V
ferrite bead
bypass
capasitor
Through-hole
Close to power pin
as possible
41
40
Bo
tt
om
La
yer
39
42
3.6V-1.7V
Example
Bad Example
41
40
Bo
tt
om
La
yer
39
42
3.6V-1.7V
Isola
te
thr
ough
-
holes
as
possible
41
40
Bo
tt
om
La
yer
39
42
3.6
V
-1.
7V
D
o
n
’
t
set
t
hrough-holes
next
t
o
ea
ch
ot
her
betw
een
fer
rit
e
bea
ds
a
nd
AVDD/VDD
pins
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com