Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 38 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 38 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 34Page - THine Electronics, Inc. THCV231 Datasheet HTML 35Page - THine Electronics, Inc. THCV231 Datasheet HTML 36Page - THine Electronics, Inc. THCV231 Datasheet HTML 37Page - THine Electronics, Inc. THCV231 Datasheet HTML 38Page - THine Electronics, Inc. THCV231 Datasheet HTML 39Page - THine Electronics, Inc. THCV231 Datasheet HTML 40Page - THine Electronics, Inc. THCV231 Datasheet HTML 41Page - THine Electronics, Inc. THCV231 Datasheet HTML 42Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
38/56
Security E
Absolute Maximum Ratings
Table 37. Absolute Maximum Ratings
Parameter
Min
Typ
Max
Unit
Supply Voltage(VDD,AVDD)
-0.3
-
4.0
V
LVCMOS Input Voltage
-0.3
-
VDD+0.3
V
LVCMOS Output Voltage
-0.3
-
VDD+0.3
V
LVCMOS Bi-directional buffer Input Voltage
-0.3
-
VDD+0.3
V
LVCMOS Bi-directional buffer Output Voltage
-0.3
-
VDD+0.3
V
Open-Drain Output Voltage
-0.3
-
4.0
V
CML Receiver Input Voltage
-0.3
-
CAPINA+0.3
V
CML Transmitter Output Voltage
-0.3
-
CAPINA+0.3
V
CML Bi-directional buffer Input Voltage
-0.3
-
VDD+0.3
V
CML Bi-directional buffer Output Voltage
-0.3
-
VDD+0.3
V
Output Current
-50
-
50
mA
Storage temperature
-55
-
125
°C
Junction temperature
-
-
125
°C
Reflow Peak Temperature/Time
-
-
260/10
°C/sec
Maximum Power Dissipation @+25°C
-
-
2.5
W
Recommended Operating Conditions
Table 38. Recommended Operating Condition
Parameter
Min
Typ
Max
Unit
Supply Voltage(VDD,AVDD)
1.7
-
3.6
V
Operating Temperature
-40
-
105
°C
Electrical Specification
LVCMOS DC Specification
Table 39. LVCMOS DC Specification
Symbol
Parameter
Pin Type
Condition
Min
Typ
Max
Unit
VIH
High Level Input Voltage
I
VDD=1.7-2.0V
0.65×VDD
-
VDD
V
VDD=2.0-3.0V
0.70×VDD
-
VDD
V
VDD=3.0-3.6V
2.0
-
VDD
V
IL,B
VDD=1.7-3.6V
0.70×VDD
-
VDD
V
VIL
Low Level Input Voltage
I
VDD=1.7-2.0V
0
-
0.35×VDD
V
VDD=2.0-3.0V
0
-
0.30×VDD
V
VDD=3.0-3.6V
0
-
0.8
V
IL,B
VDD=1.7-3.6V
0
-
0.30×VDD
V
VOH
High Level Output Voltage
O,B
VDD=1.7-3.6V
IOH=-4mA
VDD-0.45
-
VDD
V
VOL
Low Level Output Voltage
O,B
VDD=1.7-3.6V
IOL=4mA
0
-
0.45
V
BO
VDD=1.7-3.6V
IOL=2mA
0
-
0.2
V
IIH
Input Leak Current High
I,IL
VIN=VDD
-
-
10
uA
IIL
Input Leak Current Low
I,IL
VIN=0V
-10
-
-
uA
IOZH
Output Leak Current High in
Hi-Z State
O,B,BO
VIN=VDD
-
-
10
uA
IOZL
Output Leak Current Low in
Hi-Z State
O,B,BO
VIN=0V
-10
-
10
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com