Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 27 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 27 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 23Page - THine Electronics, Inc. THCV231 Datasheet HTML 24Page - THine Electronics, Inc. THCV231 Datasheet HTML 25Page - THine Electronics, Inc. THCV231 Datasheet HTML 26Page - THine Electronics, Inc. THCV231 Datasheet HTML 27Page - THine Electronics, Inc. THCV231 Datasheet HTML 28Page - THine Electronics, Inc. THCV231 Datasheet HTML 29Page - THine Electronics, Inc. THCV231 Datasheet HTML 30Page - THine Electronics, Inc. THCV231 Datasheet HTML 31Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
27/56
Security E
Table 27. THCV231, THCV236(RXDEFSEL=0) Through GPIO register setting
Device
Sub-Link
Master/Slave
GPIO
Input/Output
Number
GPIO4 , GPIO3
Input/Output Configuration
(I:Input, O:Output)
Register Settings
GPIO Type
GPIO IO Direction
Input
Output
GPIO4
GPIO3
Address
(HEX)
Value
(BIN)
Address
(HEX)
Value
(BIN)
THCV231
Slave
0
2
O
O
0xC0
XXX11XXX
0xC3
XXX00XXX
THCV236
Master
2
0
I
I
0x40
XXX11XXX
0x43
XXX11XXX
Programmable GPIO
Settings input/output and reading/writing are controlled by register settings in the Sub-Link Master. HOST
MPU commands register setting in the Sub-Link Master.
2-wire
Serial
I/F
ADR
0x40
0x41
0x42
0x43
0x46
Name
GPIOn_TYPE (n=4~3)
GPIOn_INPUT_MONITOR (n=4~3)
GPIOn_OUT (n=4~3)
GPIO_IO_SEL
GPIOn_OUTBUF_SEL (n=4~3)
Sub-Link
Control Block
IO
Register
THCV236
(Sub-Link Master)
Value
0
GPIO
Input Value
GPIO
Ouput Value
(*1)
0 or 1
IO
Register
THCV231
(Sub-Link Slave)
ADR
0xC0
0xC1
0xC2
0xC3
0xC6
Name
GPIOn_TYPE (n=4~3)
GPIOn_INPUT_MONITOR (n=4~3)
GPIOn_OUT (n=4~3)
GPIO_IO_SEL
GPIOn_OUTBUF_SEL (n=4~3)
Value
0
GPIO
Input Value
GPIO
Output Value
(*1)
0 or 1
HOST
MPU
Sub-Link
Control Block
GPIO4
|
GPIO3
(Input
or
Output)
GPIO4
|
GPIO3
(Input
or
Output)
GPIO Input : Read 0x41,0xC1 value
GPIO Output : Write 0x42,0xC2 value
Pull-up for
Open Drain
Output
(default)
Pull-up for
Open Drain
Output
(default)
*1 See Table 28,Table 29
Figure 12. Programmable GPIO
Register settings are required according to the number of GPIO used by customer. See Table 28 and Table 29.
When the number of GPIO used by customer is less than the value listed in Table 28 and Table 29, choose any
setting which includes that.
Table 28. THCV231 Programmable GPIO register setting
Sub-Link
Master/Slave
GPIO
Input/Output
Number
GPIO4 – GPIO3
Input/Output Configuration
(I:Input, O:Output)
Register Settings
GPIO Type
GPIO IO Direction
Input
Output
GPIO4
GPIO3
Address
(HEX)
Value
(BIN)
Address
(HEX)
Value
(BIN)
Slave
2
0
I
I
0xC0
XXX00000
0xC3
XXX11XXX
1
1
I
O
XXX10XXX
0
2
O
O
XXX00XXX
Table 29. THCV236 Programmable GPIO register setting (RXDEFSEL=0)
Sub-Link
Master/Slave
GPIO
Input/Output
Number
GPIO4 – GPIO0
Input/Output Configuration
(I:Input, O:Output, -:Unavailable)
Register Settings
GPIO Type
GPIO IO Direction
Input
Output
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
Address
(HEX)
Value
(BIN)
Address
(HEX)
Value
(BIN)
Master
2
0
I
I
-
-
-
0x40
XXX00XXX
0x43
XXX11XXX
1
1
I
O
-
-
-
XXX10XXX
0
2
O
O
-
-
-
XXX00XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com