Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 35 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 35 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 31Page - THine Electronics, Inc. THCV231 Datasheet HTML 32Page - THine Electronics, Inc. THCV231 Datasheet HTML 33Page - THine Electronics, Inc. THCV231 Datasheet HTML 34Page - THine Electronics, Inc. THCV231 Datasheet HTML 35Page - THine Electronics, Inc. THCV231 Datasheet HTML 36Page - THine Electronics, Inc. THCV231 Datasheet HTML 37Page - THine Electronics, Inc. THCV231 Datasheet HTML 38Page - THine Electronics, Inc. THCV231 Datasheet HTML 39Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
35/56
Security E
Table 35. THCV236 GPIO Control Register Map
Address (Hex)
Bit#
R/W
Default
(Hex)
Name
Description
Note
Sub-Link
Master
0x40
7:5
R
0x0
Reserved
-
4
RW
1
GPIO4_TYPE
GPIO4 type select
0: Programmable GPIO
1: Through GPIO
-
3
RW
1
GPIO3_TYPE
GPIO3 type select
0: Programmable GPIO
1: Through GPIO
-
2
R
0
GPIO2_TYPE
GPIO2 type select
0: Programmable GPIO
0 Fix
-
1
R
0
GPIO1_TYPE
GPIO1 type select
0: Programmable GPIO
0 Fix
-
0
R
0
GPIO0_TYPE
GPIO0 type select
0: Programmable GPIO
0 Fix
-
0x41
7:5
R
0x0
Reserved
-
4
R
0
GPIO4_INPUT_MONITOR
GPIO4 input value
(*1)
3
R
0
GPIO3_INPUT_MONITOR
GPIO3 input value
2
R
0
GPIO2_INPUT_MONITOR
GPIO2 input value
1
R
0
GPIO1_INPUT_MONITOR
GPIO1 input value
0
R
0
GPIO0_INPUT_MONITOR
GPIO0 input value
0x42
7:5
R
0x0
Reserved
-
4
RW
0
GPIO4_OUT
GPIO4 output value setting
(*2)
3
RW
0
GPIO3_OUT
GPIO3 output value setting
2
RW
0
GPIO2_OUT
GPIO2 output value setting
1
RW
0
GPIO1_OUT
GPIO1 output value setting
0
RW
0
GPIO0_OUT
GPIO0 output value setting
0x43
7:5
R
0x0
Reserved
-
4
RW
(*3)
GPIO_IO_SEL
GPIO input/output direction setting
See Table 27, Table 28 and Table 29
-
3
RW
(*3)
2:0
RW
0x7
0x44
7:5
R
0x0
Reserved
-
4
RW
1
GPIO4_FILT_ENABLE
GPIO4 input filter enable
0: Disable
1: Enable
(*4)
3
RW
1
GPIO3_FILT_ENABLE
GPIO3 input filter enable
0: Disable
1: Enable
2
RW
1
GPIO2_FILT_ENABLE
GPIO2 input filter enable
0: Disable
1: Enable
1
RW
1
GPIO1_FILT_ENABLE
GPIO1 input filter enable
0: Disable
1: Enable
0
RW
1
GPIO0_FILT_ENABLE
GPIO0 input filter enable
0: Disable
1: Enable
0x45
7:5
R
0x0
Reserved
-
4
RW
1
GPIO4_INT_ENABLE
GPIO4 interrupt enable
0: Disable
1: Enable
(*5)
3
RW
1
GPIO3_INT_ENABLE
GPIO3 interrupt enable
0: Disable
1: Enable
2
RW
1
GPIO2_INT_ENABLE
GPIO2 interrupt enable
0: Disable
1: Enable
1
RW
1
GPIO1_INT_ENABLE
GPIO1 interrupt enable
0: Disable
1: Enable
0
RW
1
GPIO0_INT_ENABLE
GPIO0 interrupt enable
0: Disable
1: Enable
*1
Active only when GPIO is set as input port.
*2
Active only when GPIO type is set as "Programmable GPIO" and set as output port.
*3
Default value depends on RXDEFSEL setting when Power on sequence. RXDEFSEL=1 → default value is 0 , RXDEFSEL=0 → default value is 1.
*4
Filter eliminates input glitch shorter than tOSC/2.
*5
GPIO input transition is counted as GPIO_INT(0x02 bit3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com