Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 42 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 42 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 38Page - THine Electronics, Inc. THCV231 Datasheet HTML 39Page - THine Electronics, Inc. THCV231 Datasheet HTML 40Page - THine Electronics, Inc. THCV231 Datasheet HTML 41Page - THine Electronics, Inc. THCV231 Datasheet HTML 42Page - THine Electronics, Inc. THCV231 Datasheet HTML 43Page - THine Electronics, Inc. THCV231 Datasheet HTML 44Page - THine Electronics, Inc. THCV231 Datasheet HTML 45Page - THine Electronics, Inc. THCV231 Datasheet HTML 46Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
42/56
Security E
Table 48. 2-wire serial slave AC Timing (Sub-Link Master device)
Symbol
Parameter
Min
Typ
Max
Unit
fSCL
SCL clock frequency
-
-
400
kHz
tHD;STA
Hold time (repeated) START condition
0.6
-
-
us
tLOW
LOW period of the SCL clock
1.3
-
-
us
tHIGH
HIGH period of the SCL clock
0.6
-
-
us
tHD;DAT
Data hold time: output
-
9×tOSC
-
us
Data hold time: input
20
-
-
ns
tSU;DAT
Data setup time: output
500
-
-
ns
Data setup time: input
100
-
-
ns
tr
Rise time of both SDA and SCL signals
-
-
300(*1)
ns
tf
Fall time of both SDA and SCL signals
(pull-up resistor:2.5kΩ,bus capacitance:400pF)
-
-
300
ns
tSU;STO
Setup time for STOP condition
0.6
-
-
ns
tBUF
Bus free time between a STOP and START condition
1.3
-
-
us
tSP
Pulse width of spikes which must be suppressed by the
input filter
-
-
50
ns
tPDS
Required wait time from PDN1 high to START condition
2
-
-
ms
*1 Please adjust Pull-up resistor and bus capacitance to meet the spec value.
Table 49. 2-wire serial master AC Timing (Sub-Link Slave device)
Symbol
Parameter
Min
Typ
Max
Unit
tOSC
Cycle of internal oscillator clock
10.417
12.5
15.625
ns
tHD;STA
Hold time (repeated) START condition
-
(SCL_W_H × 8 – 3)
× tOSC
-
us
tLOW
LOW period of the SCL clock
-
((SCL_W_L + 1) × 8 + 8)
× tOSC
-
us
tHIGH
HIGH period of the SCL clock
-
((SCL_W_H + 1) × 8 + 8)
× tOSC
-
us
tHD;DAT
Data hold time: output
-
9×tOSC
-
us
Data hold time: input
20
-
-
ns
tSU;DAT
Data setup time: output
31×tOSC
-
-
ns
Data setup time: input
100
-
-
ns
tr
Rise time of both SDA and SCL signals
-
-
300(*1)
ns
tf
Fall time of both SDA and SCL signals
(pull-up resistor:2.5kΩ, bus capacitance:400pF)
-
-
300
ns
tSU;STO
Setup time for STOP condition
-
386×tOSC
-
ns
tBUF
Bus free time between a STOP and START
condition
4.7
-
-
us
*1 Please adjust Pull-up resistor and bus capacitance to meet the spec value.
Table 50. 2-wire serial interface transaction wait time
Symbol
Parameter
Min
Typ
Max
Unit
tWSSR
Write access completion time to Sub-Link Slave
register
-
-
110
us
tRSSR
Read access completion time to Sub-Link Slave
register
-
-
90
us
tWRS
Write start to Remote side Start Condition
generating time
-
-
65
us
tRPW
Remote side Stop Condition generating to Write
access completion time
-
-
300
us
tRRS
Read start to Remote side Start Condition
generating time
-
-
65
us
tRPR
Remote side Stop Condition generating to Read
access completion time
-
-
300
us
tSSEP
Sub-Link Slave External processing time
Depending on characteristics of 2-wire
serial slave devices connected to
Sub-Link Slave
us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com