Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 29 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 29 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 25Page - THine Electronics, Inc. THCV231 Datasheet HTML 26Page - THine Electronics, Inc. THCV231 Datasheet HTML 27Page - THine Electronics, Inc. THCV231 Datasheet HTML 28Page - THine Electronics, Inc. THCV231 Datasheet HTML 29Page - THine Electronics, Inc. THCV231 Datasheet HTML 30Page - THine Electronics, Inc. THCV231 Datasheet HTML 31Page - THine Electronics, Inc. THCV231 Datasheet HTML 32Page - THine Electronics, Inc. THCV231 Datasheet HTML 33Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
29/56
Security E
Register Map
HOST MPU can set various operating conditions of the THCV231 and THCV236 through internal registers.
Sub-Link Master (2-wire serial slave) is connected to external HOST MPU (2-wire serial master).
Sub-Link Slave (2-wire serial master) is connected to external 2-wire serial slave devices.
Sub-Link Master device has address 0x00-0x7F, Sub-Link Slave device has address 0x80-0xFF. See Figure 14.
THCV231
(Sub-L
ink
Slave
)
Sub
-Lin
k
Slave
Con
trol
Regis
t
e
r
0x00
0x2
C
Rese
rved
THCV
231
GPIO
Con
t
ro
l
Regis
t
e
r
0x40
0x46
Rese
rved
THCV
231
Main-
L
ink
Con
t
ro
l
Regis
t
e
r
0x50
0x7
C
Rese
rved
THCV236
(Sub-L
ink
Maste
r
)
Sub
-Lin
k
M
a
ster
Con
t
ro
l
Regis
t
e
r
Rese
rved
THCV
236
GPIO
Con
t
ro
l
Regis
t
e
r
Rese
rved
THCV
236
Main
-Link
Con
t
ro
l
Regis
t
e
r
Rese
rved
Sub
-Lin
k
Slave
Devi
ce
#0
Slave
Devi
ce
#7
2-wi
re
seria
l
I/F
HOST
MPU
2
-w
ire
serial
I
/F
0x8
F
0xC
0
0xC
6
0xD
0
0xFC
0x8
0
MSSEL
=
0
Figure 14. Sub-Link Master/Slave device Register Address configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com