Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 17 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 17 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 13Page - THine Electronics, Inc. THCV231 Datasheet HTML 14Page - THine Electronics, Inc. THCV231 Datasheet HTML 15Page - THine Electronics, Inc. THCV231 Datasheet HTML 16Page - THine Electronics, Inc. THCV231 Datasheet HTML 17Page - THine Electronics, Inc. THCV231 Datasheet HTML 18Page - THine Electronics, Inc. THCV231 Datasheet HTML 19Page - THine Electronics, Inc. THCV231 Datasheet HTML 20Page - THine Electronics, Inc. THCV231 Datasheet HTML 21Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
17/56
Security E
Sub-Link Mode Setting
2-wire serial I/F Mode
2-wire serial I/F Mode enables register access, using GPIO (General Purpose Input/Output) pin and interrupt
function. Sub-Link Master device has 2-wire serial slave block and can be connected to HOST MPU, Sub-Link
Slave device has 2-wire serial master block and can be connected to remote side 2-wire serial slave devices.
HOST MPU can access register of Sub-Link Master device, Sub-Link Slave device and remote side 2-wire
serial slave devices.
2-wire serial I/F Device ID setting
AIN1 and AIN0 pins determine Device ID setting of the THCV236. Only Sub-Link Master device has AIN1
and AIN0 pin. AIN1 and AIN0 choose one of 4 addresses which give an identification address to the THCV236
under 2-wire serial interface bus topology.
Table 18. 2-wire serial I/F Device ID select (Sub-Link Master device Only)
AIN1
AIN0
Device ID
0
0
0x0B
0
1
0x34
1
0
0x77
1
1
0x65
2-wire serial I/F Clock Stretching
In principle, when Sub-Link bridges 2-wire serial interface communication from Sub-Link Master to Sub-Link
Slave or remote side 2-wire serial slave devices, time lag occurs between HOST MPU side 2-wire serial access
and Sub-Link Slave internal bus access or remote side 2-wire serial access.
2WIRE_MODE (Sub-Link Master side register, 0x0F bit1-0) selects whether 2-wire serial slave of Sub-Link
Master perform clock stretching or not.
When 2WIRE_MODE = 00, Sub-Link Master device wait HOST MPU until Sub-Link Slave register access or
remote side 2-wire serial slave register access is completed by clock stretching.
When 2WIRE_MODE = 01, Sub-Link Master device informs HOST MPU that Sub-Link Slave register access
or remote side 2-wire serial register access has been completed by interruption (INT pin) without clock
stretching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com