Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 15 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 15 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 11Page - THine Electronics, Inc. THCV231 Datasheet HTML 12Page - THine Electronics, Inc. THCV231 Datasheet HTML 13Page - THine Electronics, Inc. THCV231 Datasheet HTML 14Page - THine Electronics, Inc. THCV231 Datasheet HTML 15Page - THine Electronics, Inc. THCV231 Datasheet HTML 16Page - THine Electronics, Inc. THCV231 Datasheet HTML 17Page - THine Electronics, Inc. THCV231 Datasheet HTML 18Page - THine Electronics, Inc. THCV231 Datasheet HTML 19Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
15/56
Security E
Table 13. Sub-Link Field BET Operation Setting
THCV231/THCV236
Common Setting
THCV231
Setting
THCV236
Setting
Condition
BET
BET_SEL
PDN
GPIO3
GPIO4
PDN1
MSSEL
LATEN
Sub-Link
Output
Latch
Select
1
(*1)
1
(*2)
1
0
-
1
1
1
(*3)
Field BET
Operation
(THCV231→THCV236)
Latched
Result
1
1
(*3)
0
-
Field BET
Operation
(THCV236→THCV231)
*1 THCV231: Register setting (0x53 bit1), THCV236: Pin setting. Note that BET pin should be 0 at power on sequence.
*2 Register setting (0x53 bit0, Default 0)
*3 Forbidden 0 setting
Table 14. Sub-Link Slave device Sub-Link Field BET Result
BETOUT
Output
L
Bit Error Occurred
H
No Error
THCV231
THCV236
CLKIN
BET=1
(Register)
Test Pattern
Checker
Test Pattern
Generator
Data inputs
are ignored
RF/BETOUT
Test Point
for
Field BET
LATEN/SD3/AIN1/GPIO0 = 0 or 1
BET_SEL=0
(Register)
BET=1
(Pin)
BET_SEL=0
(Register)
0
1
Main-Link
Figure 3. Main-Link Field BET Configuration
THCV231
THCV236
Test Pattern
Checker
Test Pattern
Generator
RF/BETOUT
Test Point
for
Field BET
OSC
BET=1
(Register)
BET_SEL=1
(Register)
LATEN/SD3/AIN1/GPIO0 =1
BET=1
(Pin)
BET_SEL=1
(Register)
Sub-Link
THCV236
THCV231
Test Pattern
Checker
Test Pattern
Generator
RF/BETOUT
Test Point
for
Field BET
OSC
BET=1
(Register)
BET_SEL=1
(Register)
GPIO4=1
BET=1
(Pin)
BET_SEL=1
(Register)
Sub-Link
Figure 4. Sub-Link Field BET Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com