Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 37 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 37 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 33Page - THine Electronics, Inc. THCV231 Datasheet HTML 34Page - THine Electronics, Inc. THCV231 Datasheet HTML 35Page - THine Electronics, Inc. THCV231 Datasheet HTML 36Page - THine Electronics, Inc. THCV231 Datasheet HTML 37Page - THine Electronics, Inc. THCV231 Datasheet HTML 38Page - THine Electronics, Inc. THCV231 Datasheet HTML 39Page - THine Electronics, Inc. THCV231 Datasheet HTML 40Page - THine Electronics, Inc. THCV231 Datasheet HTML 41Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
37/56
Security E
Table 36. THCV236 Main-Link Control Register Map
Address (Hex)
Bit#
R/W
Default
(Hex)
Name
Description
Note
Sub-Link
Master
0x50
7
RW
(*1)
MAINMODE
MAINMODE setting
0: V-by-One® HS Mode
1: Sync Free Mode
-
6
RW
(*1)
HFSEL
HFSEL setting
0: High Frequency Mode Disable
1: High Frequency Mode Enable
-
5
RW
0
COL1
COL1 setting
when MAINMODE =0
0: Color Space Converter Disable
1: Color Space Converter Enable
when MAINMODE =1
Data Width Setting. See Table 15.
-
4
RW
(*1)
COL0
COL0 setting
Data Width Setting. See Table 15.
-
3
RW
0
Reserved
-
2:1
RW
0x0
Reserved
-
0
RW
0
TTLDRV
TTLDRV setting
0: Weak Drive Strength
1: Normal Drive Strength
-
0x51
7:6
R
0x0
Reserved
-
5
RW
0
SSEN
SSEN setting
0: SSCG Disable
1: SSCG Enable
(*2)
4:0
RW
0x05
SPREAD
SSCG modulation depth setting
Spread depth = ±SPREAD x 0.1% (Center Spread)
0x52
7:4
R
0x0
Reserved
-
3:0
RW
0xD
FMOD
SSCG Modulation Frequency Setting
-
0x53
7:2
R
0x00
Reserved
-
1
RW
0
Reserved
-
0
RW
0
BET_SEL
Main-Link / Sub-Link Field BET Mode select
0: Main-Link Field BET Mode
1: Sub-Link Field BET Mode
-
0x54
7
R
0
Reserved
-
6:0
RW
0x3E
Reserved. Must be default setting.
-
0x55
-0x6C
7:0
RW
0x0
Reserved
-
0x6D
7:3
R
0x00
Reserved
-
2
RW
0
OUTSEL_ENABLE
Permanent Clock Output Enable setting
0: Permanent Clock Output Disable
1: Permanent Clock Output Enable
-
1:0
RW
0x1
OUTSEL_SETTING
Permanent Clock Frequency setting
00: 80MHz (Clock Period : tOSC)
01: 40MHz (Clock Period : tOSC/2)
10: 20MHz (Clock Period : tOSC/4)
11: 10MHz (Clock Period : tOSC/8)
(*3)
0x6E
7:1
R
0x00
Reserved
-
0
RW
1
Reserved. Must be 1
-
0x6F
7:0
R
0x00
Reserved
-
0x70
7:2
R
0x00
Reserved
-
1
RW
0
Reserved. Must be 0
-
0
RW
0
PLL_SET_EN
SSCG PLL setting register Enable
1: Enable
0: Disable
-
0x71
-0x75
7:0
R
0x00
Reserved
-
0x76
7:6
R
0x0
Reserved
-
5:0
RW
0x00
PLL_SET0
SSCG PLL setting
(*4)
0x77
7:4
R
0x0
Reserved
-
3:0
RW
0x0
Reserved. Must be default setting.
-
0x78
7:0
RW
0xXX
PLL_SET1
SSCG PLL setting
(*4)
0x79
-0x7B
7:0
R
0x00
Reserved. Must be default setting.
-
0x7C
7:6
R
0x0
Reserved
-
5:0
RW
0xXX
PLL_SET2
SSCG PLL setting
(*4)
0x7D
-0x7F
7:0
R
0xXX
Reserved. Must be default setting.
-
*1
Default value depends on RXDEFSEL setting when Power on sequence. RXDEFSEL=1 → default value is 0 , RXDEFSEL=0 → default value is 1.
*2
SSEN=1 and SPREAD=0 setting is forbidden
*3
Described value is typical value. It has variation in the range from min spec value to max spec value of tOSC.
*4
See Table 8, Table 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com