Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 40 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 40 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 36Page - THine Electronics, Inc. THCV231 Datasheet HTML 37Page - THine Electronics, Inc. THCV231 Datasheet HTML 38Page - THine Electronics, Inc. THCV231 Datasheet HTML 39Page - THine Electronics, Inc. THCV231 Datasheet HTML 40Page - THine Electronics, Inc. THCV231 Datasheet HTML 41Page - THine Electronics, Inc. THCV231 Datasheet HTML 42Page - THine Electronics, Inc. THCV231 Datasheet HTML 43Page - THine Electronics, Inc. THCV231 Datasheet HTML 44Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
40/56
Security E
Supply Current
Table 43. Supply Current(THCV231)
Symbol
Parameter
Condition(*1)
Min
Typ
Max
Unit
ITCCW
Transmitter Supply Current
PDN=1, HFSEL=1
-
-
115
mA
ITCCS
Transmitter Power Down Supply
Current
PDN = 0
All Inputs = Fixed 0 or 1
Typical value is under 25 °C
-
2.5
20
mA
*1 HFSEL is a register.
Table 44. Supply Current(THCV236)
Symbol
Parameter
Condition
Min
Typ
Max
Unit
IRCCW
Receiver Supply Current
Cload=8pF,
PDN0=1,PDN1=1,HFSEL=1
-
-
220
mA
IRCCS
Receiver Power Down Supply
Current
PDN0 = 0 and PDN1 =0
All Inputs = Fixed 0 or 1
Typical value is under 25 °C
-
2.5
20
mA
Switching Characteristics
Table 45. Switching Characteristics (THCV231)
Symbol
Parameter
Condition(*1)
Min
Typ
Max
Unit
tTRF
CML Output Rise and Fall Time
(20%-80%)
-
50
-
150
ps
tTCIP
CLKIN Period
See Table 15
1000/Freq.Range[MHz]
ns
tTCH
CLKIN High Time
-
0.35×tTCIP
0.5×tTCIP
0.65×tTCIP
ns
tTCL
CLKIN Low Time
-
0.35×tTCIP
0.5×tTCIP
0.65×tTCIP
ns
tTS
Data Input Setup to CLKIN
-
2.0
-
-
ns
tTH
Data Input Hold to CLKIN
-
1.0
-
-
ns
tTPD
Power On to PDN High Delay
-
0
-
-
ns
tTCD
Input Clock to Output Data Delay
MAINMODE=1,
HFSEL=0
56×tTCIP
-
65×tTCIP
ns
MAINMODE=1,
HFSEL=1
109×tTCIP
-
132×tTCIP
ns
tTPLL0
PDN High to CML Output Delay
-
-
-
10
ms
tTPLL1
PDN Low to CML Output High
Fix Delay
-
-
-
20
ns
tTNP0
LOCKN High to Training Pattern
Output Delay
-
-
-
10
ms
tTNP1
LOCKN Low to Data Pattern
Output Delay
-
-
-
10
ms
*1 MAINMODE and HFSEL are registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com