Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 26 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 26 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 22Page - THine Electronics, Inc. THCV231 Datasheet HTML 23Page - THine Electronics, Inc. THCV231 Datasheet HTML 24Page - THine Electronics, Inc. THCV231 Datasheet HTML 25Page - THine Electronics, Inc. THCV231 Datasheet HTML 26Page - THine Electronics, Inc. THCV231 Datasheet HTML 27Page - THine Electronics, Inc. THCV231 Datasheet HTML 28Page - THine Electronics, Inc. THCV231 Datasheet HTML 29Page - THine Electronics, Inc. THCV231 Datasheet HTML 30Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
26/56
Security E
GPIO
The GPIO pin provides up to 2-I/O ports and 2 types of GPIO are available (“Through GPIO” and
“Programmable GPIO”). All GPIO pins of THCV236 have another function if being set. See Table 26. GPIO
type is selected by GPIO_TYPE register (0x40(Sub-Link Master), 0xC0(Sub-Link Slave)). Programmable GPIO
is available by all GPIO pins. Through GPIO is available by only GPIO4 and GPIO3 pin. See Through GPIO
section and Programmable GPIO section about detail of respective GPIO type.
Table 25. GPIO Type
GPIO#
GPIO Type
Through GPIO
Programmable GPIO
GPIO4
Available
Available
GPIO3
Table 26. GPIO setting of THCV236
Pin Name
Function
Sub-Link Master
RXDEFSEL=0
D25/GPIO4
GPIO4
D24/GPIO3
GPIO3
COL0/INT/GPIO2
INT
TTLDRV/SD2/AIN0/GPIO1
AIN0
LATEN/SD3/AIN1/GPIO0
AIN1
Through GPIO
Input to GPIO4 and GPIO3 of Sub-Link Master device is output from GPIO4 and GPIO3 of Sub-Link Slave
device respectively. Note that these GPIO signals can’t be transferred from Sub-Link Slave device to Sub-Link
Master device. It’s possible to confirm GPIO4 and GPIO3 input value to Sub-Link Master by register read (0x41
GPIOn_INPUT_MONITOR (n=4,3) ).
2-wire
Serial
I/F
GPIO4
GPIO3
(Input)
ADR
0x40
0x41
0x42
0x43
0x46
Name
GPIOn_TYPE (n=4,3)
GPIOn_INPUT_MONITOR (n=4,3)
GPIOn_OUT (n=4,3)
GPIO_IO_SEL
GPIOn_OUTBUF_SEL (n=4,3)
Sub-Link
Control Block
IO
Register
THCV236
(Sub-Link Master)
Value
1
GPIO
Iuput value
*
(*1)
*
IO
Register
ADR
0xC0
0xC1
0xC2
0xC3
0xC6
Name
GPIOn_TYPE (n=4,3)
GPIOn_INPUT_MONITOR (n=4,3)
GPIOn_OUT (n=4,3)
GPIO_IO_SEL
GPIOn_OUTBUF_SEL (n=4,3)
Value
1
*
*
(*1)
*
HOST
MPU
GPIO4,
GPIO3
(Output)
Sub-Link
Control Block
GPIO Input : Read 0x41 value
THCV231
(Sub-Link Slave)
Pull-up for
Open Drain
Output
(default)
*1 See Table 27
Figure 11. Through GPIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com