Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 16 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 16 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 12Page - THine Electronics, Inc. THCV231 Datasheet HTML 13Page - THine Electronics, Inc. THCV231 Datasheet HTML 14Page - THine Electronics, Inc. THCV231 Datasheet HTML 15Page - THine Electronics, Inc. THCV231 Datasheet HTML 16Page - THine Electronics, Inc. THCV231 Datasheet HTML 17Page - THine Electronics, Inc. THCV231 Datasheet HTML 18Page - THine Electronics, Inc. THCV231 Datasheet HTML 19Page - THine Electronics, Inc. THCV231 Datasheet HTML 20Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
16/56
Security E
Data Width and Frequency Range Select Function
The THCV231 and THCV236 support a variety of data width and frequency range. Frequency range is
different depending on the mode setting SSCG enable and disable setting. Refer to Table 15 for details.
Table 15. Main-Link Operation Mode Select
Mode Setting
Freq.Range
[MHz]
Main-Link
CML
Bit Rate
Data Width
Comment
SSCG
Disable
SSCG
Enable (*1)
MAINMODE
HFSEL
COL1
COL0
min
max
min
max
0
*
*
*
-
-
-
-
-
-
Forbidden
1
0
0
0
12
30
26.6
60
x50
14
-
1
0
0
1
15
40
26.6
75
x40
14
-
1
0
1
0
20
75
33.3
100
x30
14
-
1
0
1
1
-
-
-
-
-
-
Forbidden
1
1
0
0
-
-
-
-
-
-
Forbidden
1
1
0
1
50
70
50
70
x20
14
(*2)
70
160
70
160
-
1
1
1
0
50
70
50
70
x15
10
(*2)
70
160
70
160
-
1
1
1
1
-
-
-
-
-
-
Forbidden
*1 Note that register setting is required depending on the mode setting and used frequency range. See Table 7.
*2 Register setting is required. See Table 16.
Table 16. Register setting (HFSEL=1 and Frequency range is from 50MHz to 70MHz)
Step
Register Address(HEX)
Register Value(HEX)
Description
Sub-Link
Master side
Sub-Link
Slave side
THCV231
THCV236
1
0x70
0xF0
0x01
Set 1 to PLL_SET_EN
2
0x76
0xF6
0x02
0x01
Set PLL_SET0
3
0x78
0xF8
0x20
Set PLL_SET1
4
0x7C
0xFC
0x24
Set PLL_SET2
Data Mapping
Table 17. Data Mapping
MAINMODE
0
1
1
1
1
1
1
1
1
HFSEL
*
0
0
0
0
1
1
1
1
COL1
*
0
0
1
1
0
0
1
1
COL0
*
0
1
0
1
0
1
0
1
D0
-
D0
D0
D0
-
-
D0/RAW4
D0/YC0
-
D1
-
D1
D1
D1
-
-
D1/RAW5
D1/YC1
-
D2
-
D2
D2
D2
-
-
D2/RAW6
D2/YC2
-
D3
-
D3
D3
D3
-
-
D3/RAW7
D3/YC3
-
D4
-
D4
D4
D4
-
-
D4/RAW8
D4/YC4
-
D5
-
D5
D5
D5
-
-
D5/RAW9
D5/YC5
-
D6
-
D6
D6
D6
-
-
D6/RAW10
D6/YC6
-
D7
-
D7
D7
D7
-
-
D7/RAW11
D7/YC7
-
D8
-
D8
D8
D8
-
-
D8/RAW0
-
-
D9
-
D9
D9
D9
-
-
D9/RAW1
-
-
D10
-
D10
D10
D10
-
-
D10/RAW2
-
-
D11
-
D11
D11
D11
-
-
D11/RAW3
-
-
HSYNC(*1)
-
HSYNC
HSYNC
HSYNC
-
-
HSYNC
HSYNC
-
VSYNC(*1)
-
VSYNC
VSYNC
VSYNC
-
-
VSYNC
VSYNC
-
*1 Any signal as well as sync signal can be transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com