Electronic Components Datasheet Search
  English  ▼

X  

THCV231 Datasheet(PDF) 31 Page - THine Electronics, Inc.

Part # THCV231
Description  The THCV231 and THCV236 are designed to support video data transmission between the host and display.
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THCV231 Datasheet(HTML) 31 Page - THine Electronics, Inc.

Back Button THCV231 Datasheet HTML 27Page - THine Electronics, Inc. THCV231 Datasheet HTML 28Page - THine Electronics, Inc. THCV231 Datasheet HTML 29Page - THine Electronics, Inc. THCV231 Datasheet HTML 30Page - THine Electronics, Inc. THCV231 Datasheet HTML 31Page - THine Electronics, Inc. THCV231 Datasheet HTML 32Page - THine Electronics, Inc. THCV231 Datasheet HTML 33Page - THine Electronics, Inc. THCV231 Datasheet HTML 34Page - THine Electronics, Inc. THCV231 Datasheet HTML 35Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 56 page
background image
THCV231_THCV236_Rev.2.30_E
Copyright©2016 THine Electronics, Inc.
THine Electronics, Inc.
31/56
Security E
Table 31. Sub-Link Master Control Register (continued)
Address
(Hex)
Bit#
R/W
Default
(Hex)
Register Name
Description
Note
0x04
7
RW
0
2WIRE_DEV_ADDR_0_ENABLE
0: Value in "2WIRE_DEV_ADDR_0" is inactive
1: Value in "2WIRE_DEV_ADDR_0" is active
(*3)
6:0
RW
0x00
2WIRE_DEV_ADDR_0
Remote side 2-wire serial Slave Device Address #0
0x05
7
RW
0
2WIRE_DEV_ADDR_1_ENABLE
0: Value in "2WIRE_DEV_ADDR_1" is inactive
1: Value in "2WIRE_DEV_ADDR_1" is active
6:0
RW
0x00
2WIRE_DEV_ADDR_1
Remote side 2-wire serial Slave Device Address #1
0x06
7
RW
0
2WIRE_DEV_ADDR_2_ENABLE
0: Value in "2WIRE_DEV_ADDR_2" is inactive
1: Value in "2WIRE_DEV_ADDR_2" is active
6:0
RW
0x00
2WIRE_DEV_ADDR_2
Remote side 2-wire serial Slave Device Address #2
0x07
7
RW
0
2WIRE_DEV_ADDR_3_ENABLE
0: Value in "2WIRE_DEV_ADDR_3" is inactive
1: Value in "2WIRE_DEV_ADDR_3" is active
6:0
RW
0x00
2WIRE_DEV_ADDR_3
Remote side 2-wire serial Slave Device Address #3
0x08
7
RW
0
2WIRE_DEV_ADDR_4_ENABLE
0: Value in "2WIRE_DEV_ADDR_4" is inactive
1: Value in "2WIRE_DEV_ADDR_4" is active
6:0
RW
0x00
2WIRE_DEV_ADDR_4
Remote side 2-wire serial Slave Device Address #4
0x09
7
RW
0
2WIRE_DEV_ADDR_5_ENABLE
0: Value in "2WIRE_DEV_ADDR_5" is inactive
1: Value in "2WIRE_DEV_ADDR_5" is active
6:0
RW
0x00
2WIRE_DEV_ADDR_5
Remote side 2-wire serial Slave Device Address #5
0x0A
7
RW
0
2WIRE_DEV_ADDR_6_ENABLE
0: Value in "2WIRE_DEV_ADDR_6" is inactive
1: Value in "2WIRE_DEV_ADDR_6" is active
6:0
RW
0x00
2WIRE_DEV_ADDR_6
Remote side 2-wire serial Slave Device Address #6
0x0B
7
RW
0
2WIRE_DEV_ADDR_7_ENABLE
0: Value in "2WIRE_DEV_ADDR_7" is inactive
1: Value in "2WIRE_DEV_ADDR_7" is active
6:0
RW
0x00
2WIRE_DEV_ADDR_7
Remote side 2-wire serial Slave Device Address #7
0x0C
7:0
RW
0x00
Reserved
-
0x0D
7:0
R
0x00
Reserved
-
0x0E
7:2
R
0x00
Reserved
-
1:0
RW
0x0
Reserved. Must be 0
-
0x0F
7:2
R
0x00
Reserved
-
1:0
RW
0x1
2WIRE_MODE
00: clock stretching mode
01: No clock stretching mode
10: Reserved (Forbidden)
11: Reserved (Forbidden)
-
0x10
7:0
RW
0x00
2WIRE_DATA0
2-wire serial I/F Write/Read Data #0
-
0x11
7:0
RW
0x00
2WIRE_DATA1
2-wire serial I/F Write/Read Data #1
-
0x12
7:0
RW
0x00
2WIRE_DATA2
2-wire serial I/F Write/Read Data #2
-
0x13
7:0
RW
0x00
2WIRE_DATA3
2-wire serial I/F Write/Read Data #3
-
0x14
7:0
RW
0x00
2WIRE_DATA4
2-wire serial I/F Write/Read Data #4
-
0x15
7:0
RW
0x00
2WIRE_DATA5
2-wire serial I/F Write/Read Data #5
-
0x16
7:0
RW
0x00
2WIRE_DATA6
2-wire serial I/F Write/Read Data #6
-
0x17
7:0
RW
0x00
2WIRE_DATA7
2-wire serial I/F Write/Read Data #7
-
0x18
7:0
RW
0x00
2WIRE_DATA8
2-wire serial I/F Write/Read Data #8
-
0x19
7:0
RW
0x00
2WIRE_DATA9
2-wire serial I/F Write/Read Data #9
-
0x1A
7:0
RW
0x00
2WIRE_DATA10
2-wire serial I/F Write/Read Data #10
-
0x1B
7:0
RW
0x00
2WIRE_DATA11
2-wire serial I/F Write/Read Data #11
-
0x1C
7:0
RW
0x00
2WIRE_DATA12
2-wire serial I/F Write/Read Data #12
-
0x1D
7:0
RW
0x00
2WIRE_DATA13
2-wire serial I/F Write/Read Data #13
-
0x1E
7:0
RW
0x00
2WIRE_DATA14
2-wire serial I/F Write/Read Data #14
-
0x1F
7:0
RW
0x00
2WIRE_DATA15
2-wire serial I/F Write/Read Data #15
-
0x20
7
RW
0
2WIRE_ADR_SEL
Remote side 2-wire Slave device's Register Address bit width select
0: 8bit Register Address
1: 16bit Register Address
-
6:0
RW
0x00
2WIRE_TARGET_DEV_ADR
2-wire serial I/F Access Target Device Address setting
-
0x21
7:4
R
0x0
Reserved
-
3:0
RW
0x0
WR_REQ_BYTE
2-wire serial I/F Write Request Byte Number for both 8bit and 16bit Register
Address device. Byte Number = register value + 1 (e.g. 0x2 for 3byte burst)
-
0x22
7:4
R
0x0
Reserved
-
3:0
RW
0x0
RD_REQ_BYTE
2-wire serial I/F Read Request Byte Number for both 8bit and 16bit Register
Address device. Byte Number = register value + 1 (e.g. 0x2 for 3byte burst)
-
0x23
7:0
RW
0x00
WR_START_ADR_8B
2-wire serial I/F Write Start Register Address for 8bit Register Address device
-
0x24
7:0
RW
0x00
RD_START_ADR_8B
2-wire serial I/F Read Start Register Address for 8bit Register Address device
-
0x25
7:1
R
0x00
Reserved
-
0
RW
0
WR_START_8B
2-wire serial I/F Write Access Start Trigger for 8bit Register Address device
-
0x26
7:1
R
0x00
Reserved
-
0
RW
0
RD_START_8B
2-wire serial I/F Read Access Start Trigger for 8bit Register Address device
-
0x27
7:0
RW
0x00
WR_START_ADR_16B_0
2-wire serial I/F Write Start Register Address(Low-order bits = [7:0]) for 16bit
Register Address device
-
0x28
7:0
RW
0x00
WR_START_ADR_16B_1
2-wire serial I/F Write Start Register Address(High-order bits = [15:8]) for 16bit
Register Address device
-
0x29
7:0
RW
0x00
RD_START_ADR_16B_0
2-wire serial I/F Read Start Register Address(Low-order bits = [7:0]) for 16bit
Register Address device
-
0x2A
7:0
RW
0x00
RD_START_ADR_16B_1
2-wire serial I/F Read Start Register Address(High-order bits = [15:8]) for 16bit
Register Address device
-
0x2B
7:1
R
0x00
Reserved
-
0
RW
0
WT_START_16B
2-wire serial I/F Write Access Start Trigger for 16bit Register Address device
-
0x2C
7:1
R
0x00
Reserved
-
0
RW
0
RD_START_16B
2-wire serial I/F Read Access Start Trigger for 16bit Register Address device
-
0x2D-0x3F
7:0
R
0x00
Reserved
-
*3
Assignment of 2-wire serial slave device address connected to Sub-Link Slave outside



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com