Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 17 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 17 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 13Page - Texas Instruments SLMA002 Datasheet HTML 14Page - Texas Instruments SLMA002 Datasheet HTML 15Page - Texas Instruments SLMA002 Datasheet HTML 16Page - Texas Instruments SLMA002 Datasheet HTML 17Page - Texas Instruments SLMA002 Datasheet HTML 18Page - Texas Instruments SLMA002 Datasheet HTML 19Page - Texas Instruments SLMA002 Datasheet HTML 20Page - Texas Instruments SLMA002 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 55 page
background image
www.ti.com
Feedback Loop and Inductor-Capacitor (L-C) Filter Selection
TPS5428x
FB
C
COMP
11.5 kW
+
Error Amplifier
0.8 V
REF
BOOT
SW
+
R
COMP
Offset
f(I
DRAIN
)
PWM to
Switch
I
SLOPE
I
COMP
TPS54283
TPS54286
R
COMP
(kW)
C
COMP
(pF)
700
700
40
20
UDG-07012
I
COMP
- I
SLOPE
x2
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
In the feedback signal path, the output voltage setting divider is followed by an internal gM-type error amplifier
with a typical transconductance of 30
µS. An internal series connected R-C circuit from the g
M amplifier output to
ground serves as the compensation network for the converter. The signal from the error amplifier output is then
buffered and combined with a slope compensation signal before it is mirrored to be referenced to the SW node.
Here, it is compared with the current feedback signal to create a pulse-width-modulated (PWM) signal-fed to
drive the upper MOSFET switch. A simplified equivalent circuit of the signal control path is depicted in Figure 21.
NOTE:
Noise coupling from the SWx node to internal circuitry of BOOTx may impact narrow
pulse width operation, especially at load currents less than 1 A. See SW Node
Ringing for further information on reducing noise on the SWx node.
Figure 21. Feedback Loop Equivalent Circuit
A more conventional small signal equivalent block diagram is shown in Figure 22. Here, the full closed loop
signal path is shown. Because the TPS5428x contains internal slope compensation and loop compensation
components, the external L-C filter must be selected appropriately so that the resulting control loop meets criteria
for stability. This approach differs from an externally-compensated controller, where the L-C filter is generally
selected first, and the compensation network is found afterwards. To find the appropriate L and C filter
combination, the Output-to-Vc signal path plots (see the next section) of gain and phase are used along with
other design criterial to aid in finding the combinations that best results in a stable feedback loop.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com