Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 10 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 6Page - Texas Instruments SLMA002 Datasheet HTML 7Page - Texas Instruments SLMA002 Datasheet HTML 8Page - Texas Instruments SLMA002 Datasheet HTML 9Page - Texas Instruments SLMA002 Datasheet HTML 10Page - Texas Instruments SLMA002 Datasheet HTML 11Page - Texas Instruments SLMA002 Datasheet HTML 12Page - Texas Instruments SLMA002 Datasheet HTML 13Page - Texas Instruments SLMA002 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
www.ti.com
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
This pin configures the output startup mode. If the SEQ pin is connected to BP, then when Output 2 is
enabled, Output 1 is allowed to start after Output 2 has reached regulation; that is, sequential startup
where Output 1 is slave to Output 2. If EN2 is allowed to go high after the outputs have been operating,
then both outputs are disabled immediately, and the output voltages decay according to the load that is
present. For this sequence configuration, tie EN1 to ground.
If the SEQ pin is connected to GND, then when Output 1 is enabled, Output 2 is allowed to start after
Output 1 has reached regulation; that is, sequential startup where Output 2 is slave to Output 1. If EN1
is allowed to go high after the outputs have been operating, then both outputs are disabled immediately,
SEQ
10
I
and the output voltages decay according to the load that is present. For this sequence configuration, tie
EN2 to ground.
If left floating, Output 1 and Output 2 start ratio-metrically when both outputs are enabled at the same
time. They soft start at a rate determined by their final output voltage and enter regulation at the same
time. If the EN1 and EN2 pins are allowed to operate independently, then the two outputs also operate
independently.
NOTE: An internal two resistor (150-k
Ω each) divider connects BP to SEQ and to GND. See Table 1
Sequencing States.
Source (switching) output for Output 1 PWM. A snubber is recommended to reduce ringing on this
SW1
3
O
node. See SW Node Ringing for further information.
Source (switching) output for Output 2 PWM. A snubber is recommended to reduce ringing on this
SW2
12
O
node. See SW Node Ringing for further information.
Thermal Pad
-
-
This pad must be tied externally to a ground plane and the GND pin.
10
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com