Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 14 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 10Page - Texas Instruments SLMA002 Datasheet HTML 11Page - Texas Instruments SLMA002 Datasheet HTML 12Page - Texas Instruments SLMA002 Datasheet HTML 13Page - Texas Instruments SLMA002 Datasheet HTML 14Page - Texas Instruments SLMA002 Datasheet HTML 15Page - Texas Instruments SLMA002 Datasheet HTML 16Page - Texas Instruments SLMA002 Datasheet HTML 17Page - Texas Instruments SLMA002 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
www.ti.com
Output Voltage Sequencing
5-V VOUT1
(2 V/div)
3.3-V VOUT2
(2 V/div)
T - Time - 1 ms/div
SEQ = BP
Sequential
CH2 then CH1
T - Time - 1 ms/div
SEQ = GND
Sequential
CH1 then CH2
5-V VOUT1
(2 V/div)
3.3-V VOUT2
(2 V/div)
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
The TPS5428x allows single-pin programming of output voltage startup sequencing. During power-on, the state
of the SEQ pin is detected. Based on whether the pin is tied to BP, to GND, or left floating, the outputs behave
as described in Table 1.
Table 1. Sequence States
SEQ PIN STATE
MODE
EN1
EN2
Ignored by the device when VEN2 <
enable threshold voltage
Tie EN1 to < enable threshold voltage
for BP to be active when VEN2 >
BP
Sequential, Output 2 then Output 1
Active
enable threshold voltage
Tie EN1 to > enable threshold voltage
for low quiescent current (BP inactive)
when VEN2 > enable threshold voltage
Ignored by the device when VEN1 <
enable threshold voltage
Tie EN2 to < enable threshold voltage
for BP to be active when VEN1 >
GND
Sequential, Output 1 then Output 2
Active
enable threshold voltage
Tie EN2 to > enable threshold voltage
for low quiescent current (BP inactive)
when VEN1 > enable threshold voltage
Independent or Ratiometric, Output 1
Active. EN1 and EN2 must be tied
Active. EN1 and EN2 must be tied
(floating)
and Output 2
together for Ratiometric startup.
together for Ratiometric startup.
If the SEQ pin is connected to BP, then when Output 2 is enabled, Output 1 is allowed to start approximately 400
µs after Output 2 has reached regulation; that is, sequential startup where Output 1 is slave to Output 2. If EN2
is allowed to go high after the outputs have been operating, then both outputs are disabled immediately, and the
output voltages decay according to the load that is present.
If the SEQ pin is connected to GND, then when Output 1 is enabled, Output 2 is allowed to start approximately
400
µs after Output 1 has reached regulation; that is, sequential startup where Output 2 is slave to Output 1. If
EN1 is allowed to go high after the outputs have been operating, then both outputs are disabled immediately,
and the output voltages decay according to the load that is present.
Figure 17. SEQ Pin TIed to BP
Figure 18. SEQ Pin Tied to GND
14
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com