Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 41 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 41 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 37Page - Texas Instruments SLMA002 Datasheet HTML 38Page - Texas Instruments SLMA002 Datasheet HTML 39Page - Texas Instruments SLMA002 Datasheet HTML 40Page - Texas Instruments SLMA002 Datasheet HTML 41Page - Texas Instruments SLMA002 Datasheet HTML 42Page - Texas Instruments SLMA002 Datasheet HTML 43Page - Texas Instruments SLMA002 Datasheet HTML 44Page - Texas Instruments SLMA002 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 55 page
background image
www.ti.com
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
Table 4. Definition of Symbols
CDJ
Average junction capacitance of the rectifier diode from 0V to VIN(max)
COSS
Average output capacitance of the switching MOSFET from 0V to VIN(max)
COUT
Output Capacitor
D(max)
Maximum steady state operating duty cycle
D(min)
Minimum steady state operating duty cycle
ESR(max)
Maximum allowable output capacitor ESR
fSW
Switching frequency
IBP
Output Current of BP regulator due to external loads
IDD
Switching quiescent current with no load on BP
ID(avg)
Average diode conduction current
ID(peak)
Peak diode conduction current
IIN(avg)
Average input current
IIN(rms)
Root mean squared (RMS) input current
IL(avg)
Average inductor current
IL(rms)
Root mean squared (RMS) inductor current
IL(peak)
Peak current in inductor
ILRIP(max)
Maximum allowable inductor ripple current
L(min)
Minimum inductor value to maintain desired ripple current
IOUT(max)
Maximum designed output current
IRMS(cin)
Root mean squared (RMS) current through the input capacitor
IRIPPLE
Inductor peak to peak ripple current
IQSW(rms)
Root mean squared current through the switching MOSFET
PCON
Power loss due to conduction through switching MOSFET
PD(max)
Maximum power dissipation in diode
RDS(on)
Drain to source resistance of the switching MOSFET when “ON”
PSW
Power loss due to switching
PREG
Power loss due to the internal regulator
VBP
Output Voltage of BP regulator
V(BR)R(min)
Minimum reverse breakdown voltage rating for rectifier diode
VFB
Regulated feedback voltage
VFD
Forward voltage drop across rectifier diode
VIN
Power stage input voltage
VOUT
Regulated output voltage
VRIPPLE(cap)
Peak to Peak ripple voltage due to ideal capacitor (ESR = 0
)
VRIPPLE(tot)
Maximum allowable peak to peak output ripple voltage
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
41
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com