Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 38 Page - Texas Instruments

Part # SLMA002
Description  2-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 38 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 34Page - Texas Instruments SLMA002 Datasheet HTML 35Page - Texas Instruments SLMA002 Datasheet HTML 36Page - Texas Instruments SLMA002 Datasheet HTML 37Page - Texas Instruments SLMA002 Datasheet HTML 38Page - Texas Instruments SLMA002 Datasheet HTML 39Page - Texas Instruments SLMA002 Datasheet HTML 40Page - Texas Instruments SLMA002 Datasheet HTML 41Page - Texas Instruments SLMA002 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
www.ti.com
(
)
(
)
(
)
REG
DD
BP
BP
IN max
IN max
P
I
V
I
V
V
»
´
+
´
-
(42)
Design Example Test Results
SW 3.3 V
SW 5 V
VIN = 12 V
t − Time − 40 ns/div
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
10
40
70
0
90
100
50
I
LOAD - Load Current - A
30
20
60
80
V
IN = 9.6 V
V
OUT = 5.0 V
V
IN (V)
9.6
12.0
13.2
V
IN = 12.0 V
V
IN = 13.2 V
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
10
40
70
0
90
100
50
I
LOAD - Load Current - A
30
20
60
80
V
IN = 13.2 V
V
IN = 9.6 V
V
IN = 12.0 V
V
OUT = 3.3 V
V
IN (V)
9.6
12.0
13.2
TPS54283,, TPS54286
SLUS749C – JULY 2007 – REVISED OCTOBER 2007
With no external load on BP (IBP=0) the regulator power dissipation is 66 mW.
Total power dissipation in the device is the sum of conduction and switching for both channels plus regulator
losses.
The total power dissipation is PDISS=0.198+0.136+0.017+0.017+.066 = 434 mW.
The following results are from the TPS54283-001 EVM.
Figure 39. Switching Node Waveforms
Figure 40. 5.0-V Output Efficiency vs. Load Current
Figure 41. 3.3-V Output Efficiency vs. Load Current
38
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS54283 TPS54286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com